Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 30Page - STMicroelectronics AN3133 Datasheet HTML 31Page - STMicroelectronics AN3133 Datasheet HTML 32Page - STMicroelectronics AN3133 Datasheet HTML 33Page - STMicroelectronics AN3133 Datasheet HTML 34Page - STMicroelectronics AN3133 Datasheet HTML 35Page - STMicroelectronics AN3133 Datasheet HTML 36Page - STMicroelectronics AN3133 Datasheet HTML 37Page - STMicroelectronics AN3133 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Application examples
AN3133
34/43
Doc ID 16956 Rev 5
Figure 19.
Main program flowchart
Start the example.
ENABLE RTC Clock = LSE and wait 1s
for the stabilization of the LSE
Init the Calendar
Init the LCD and Clear it
Config IOs for LEDs, Key and
Joystick buttons.
Enable EXTI Interrupts for KEY,
UP and DOWN buttons.
Disable Interrupts
Display Time on LCD
hh:mm:ss:xxx
Enable Interrupts
ExTamper_02
Init Tamper 1
Filter = 2 Samples
Sampling Frequency = 1Hz
Detection Level = Low
Enable Tamper 1
Enable Tamper 1 Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com