Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 6Page - STMicroelectronics AN3133 Datasheet HTML 7Page - STMicroelectronics AN3133 Datasheet HTML 8Page - STMicroelectronics AN3133 Datasheet HTML 9Page - STMicroelectronics AN3133 Datasheet HTML 10Page - STMicroelectronics AN3133 Datasheet HTML 11Page - STMicroelectronics AN3133 Datasheet HTML 12Page - STMicroelectronics AN3133 Datasheet HTML 13Page - STMicroelectronics AN3133 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Real-time clock overview
AN3133
10/43
Doc ID 16956 Rev 5
Figure 4.
Typical crystal accuracy plotted against temperature (and different
values of K)
In Figure 4, accuracy = K x (T – TO)
2
where, TO = 25° C ±5° C and K = –0.036 ppm/°C
2 ± 0.006 ppm/°C2
RTC clock smooth digital calibration consists in masking N (configurable) 32 kHz clock
pulses that are fairly well distributed in a configurable window (8s, 16s or 32s).
The number of masked or added pulses is configured by bits CALP and CALM[8:0] in the
RTC_CALRH and RTC_CALRL registers. By default, the window is 32s. It can be reduced
to 8s or 16s by setting bits CALW8 or CALW16 in the RTC_CALRH register. Reducing the
calibration window allows to test the calibration result in a lesser time, which can be useful
for factory tests. As a drawback, the digital calibration resolution is decreased when the
window size is smaller.
The calibration range is from –487.1 ppm to +488.5 ppm, which corresponds to a correction
of approximately ±0.05%.
A 1 Hz output is provided to measure the quartz crystal frequency and calibration results.
The calibration value can be changed on the fly so that it can be changed when a
temperature change is detected.
The measurement window must be multiple of the calibration window.
Table 2.
Calibration window description
Calibration window
Accuracy
Calibration step
8 s
±1.91 ppm
3.81 ppm
16 s
±0.95 ppm
1.91 ppm
32 s
±0.48 ppm
0.95 ppm
50
–50
–100
–150
–200
0
50
60
70
80
90
40
–40
–30
30
20
–20
–10
10
–35 ppm
+35 ppm
Temperature (
°C)
Maximum K at 25
°C
Typical K at 25
°C
Minimum K at 25
°C
AI02498



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com