Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 17Page - STMicroelectronics AN3133 Datasheet HTML 18Page - STMicroelectronics AN3133 Datasheet HTML 19Page - STMicroelectronics AN3133 Datasheet HTML 20Page - STMicroelectronics AN3133 Datasheet HTML 21Page - STMicroelectronics AN3133 Datasheet HTML 22Page - STMicroelectronics AN3133 Datasheet HTML 23Page - STMicroelectronics AN3133 Datasheet HTML 24Page - STMicroelectronics AN3133 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
AN3133
Useful RTC configuration examples
Doc ID 16956 Rev 5
21/43
3.3
Maximum and minimum RTC_CALIB output frequency
On medium density devices, or when COSEL = 0, the RTC can output the RTCCLK clock
divided by a 6-bit asynchronous prescaler. The divider factor is configured through bits
PREDIV_A[5:0] of the RTC_APRER register.
RTC_CALIB maximum and minimum frequencies are 484.85 kHz and 8 Hz, respectively.
When COSEL = 1, the RTC output frequency is the ck_spre frequency.
0x0
1
1
0
1
Week day, Hours and seconds don’t care in alarm comparison
0x0
1
1
1
0
Week day, Hours and minutes don’t care in alarm comparison
0x0
1
1
1
1
Alarm occurs every second
Table 8.
Alarm combination (continued)
MASKSS
[3:0]
MSK4
MSK3
MSK2
MSK1
Alarm behavior
Table 9.
Mask configurations for setting an alarm every 125 ms (for RTCCLK = 32.768kHz)
Prescaler
Configuration
MSKSS[3:0]
MSK4
MSK3
MSK2
MSK1
Comment
PREDIV_A = 0x7F
PREDIV_S = 0xFF
0x5
1
1
1
1
Alarm occurs every 25 * 128/32768 s
PREDIV_A = 0x0
PREDIV_S = 0x7FFF
0xC
1
1
1
1
Alarm occurs every 212 * 1/32768 s
Table 10.
RTC_CALIB output frequency versus clock source
Clock source
RTC_CALIB frequency
Minimum
(RTCDIV[2:0] = 111b and
PREDIV_A[5:0] = 111 111b)
Maximum
(RTCDIV[2:0] = 000b and
PREDIV_A[5:0] = 100 000b(1))
1.
PREDIV_A[5] must be set to ‘1’ to enable the RTC_CALIB output signal generation. If PREDIV_A[5] bit is
reset, no signal is output on RTC_CALIB.
HSE = 1 MHz
244.141 Hz
30,303.030 Hz
HSI = 16 MHz
3.906 kHz
484,848.500 Hz
LSE = 32 768 Hz
8.000 Hz
992.970 Hz
LSI = 38 kHz
9.277 Hz
1,151.515 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com