Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 12Page - STMicroelectronics AN3133 Datasheet HTML 13Page - STMicroelectronics AN3133 Datasheet HTML 14Page - STMicroelectronics AN3133 Datasheet HTML 15Page - STMicroelectronics AN3133 Datasheet HTML 16Page - STMicroelectronics AN3133 Datasheet HTML 17Page - STMicroelectronics AN3133 Datasheet HTML 18Page - STMicroelectronics AN3133 Datasheet HTML 19Page - STMicroelectronics AN3133 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Real-time clock overview
AN3133
16/43
Doc ID 16956 Rev 5
Only a power-on reset can reset the calendar. A system reset does not affected it but resets
the shadow registers which are read by the application. They will be updated again when
the RSF bit is set. After a system reset, the application can check the INITS status flag in
RTC_ISR1 to verify if the calendar is already initialized. This flag is reset when the calendar
year field is set to 0x00 (power-on reset value), meaning that the calendar must be
initialized.
1.8.3
Synchronization
When the application reads the calendar, it actually accesses shadow registers which
contain a copy of the real calendar time and date clocked by the RTCCLK clock. To make
sure that the shadow registers are updated with the current calendar value, the application
must check that the RSF bit is set in the RTC_ISR1 register. This bit is set by hardware each
time the calendar time and date shadow registers are updated, that is when the RTCCLK
clock is synchronized with the system clock SYSCLK. The application software must clear
the RSF bit after reading the calendar registers.
When the system is woken up from Active-halt mode (SYSCLK was off), the application
must first clear the RSF bit, and then wait until it is set again before reading the calendar
registers. This ensures that the value read by the application is the current calendar value,
and not the value before entering Active-halt mode.
On medium+ and high density devices, it is possible to directly read the calendar instead of
reading shadow registers. This is configured by setting the BYPSHAD bit in the RTC_CR1
register. In this case, it is not necessary to wait for the synchronization time, but the calendar
registers consistency must be checked by SW by executing a SW vote.
The user must read the required calendar fields values. Then the read operation must be
performed again. The results of the two read sequence are then compared. If the results
match, the read result is correct. If they do not match, the fields must be read once more,
and the 3rd read result is valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com