Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3133 Datasheet HTML 1Page - STMicroelectronics AN3133 Datasheet HTML 2Page - STMicroelectronics AN3133 Datasheet HTML 3Page - STMicroelectronics AN3133 Datasheet HTML 4Page - STMicroelectronics AN3133 Datasheet HTML 5Page - STMicroelectronics AN3133 Datasheet HTML 6Page - STMicroelectronics AN3133 Datasheet HTML 7Page - STMicroelectronics AN3133 Datasheet HTML 8Page - STMicroelectronics AN3133 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
List of tables
AN3133
4/43
Doc ID 16956 Rev 5
List of tables
Table 1.
Applicable products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Calibration window description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 3.
Low power modes where RTC is actor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 4.
Steps to initialize the calendar . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 5.
Steps to configure the alarm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 6.
Steps to configure the Auto wake-up unit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 7.
Calendar clock equal to 1Hz with different clock sources. . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 8.
Alarm combination . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 9.
Mask configurations for setting an alarm every 125 ms (for RTCCLK = 32.768kHz) . . . . . 21
Table 10.
RTC_CALIB output frequency versus clock source . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 11.
Timebase/wakeup unit period resolution with clock configuration 1 . . . . . . . . . . . . . . . . . . 22
Table 12.
Timebase/wakeup unit period resolution with clock configuration 2 . . . . . . . . . . . . . . . . . . 23
Table 13.
Timebase/wakeup unit period resolution with clock configuration 2 . . . . . . . . . . . . . . . . . . 23
Table 14.
Min. and max. timebase/wakeup period (medium density products) . . . . . . . . . . . . . . . . . 24
Table 15.
Min. and max. timebase/wakeup period (med+ and high-density products). . . . . . . . . . . . 24
Table 16.
Summary of RTC features by product family . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 17.
RTC function groups . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 18.
Buttons and corresponding actions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 19.
Buttons and corresponding actions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 20.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com