Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 23Page - STMicroelectronics AN3133 Datasheet HTML 24Page - STMicroelectronics AN3133 Datasheet HTML 25Page - STMicroelectronics AN3133 Datasheet HTML 26Page - STMicroelectronics AN3133 Datasheet HTML 27Page - STMicroelectronics AN3133 Datasheet HTML 28Page - STMicroelectronics AN3133 Datasheet HTML 29Page - STMicroelectronics AN3133 Datasheet HTML 30Page - STMicroelectronics AN3133 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
AN3133
RTC firmware API
Doc ID 16956 Rev 5
27/43
2
RTC_SetTime
Sets the RTC current time < RTC hours, RTC minutes,
RTC seconds, RTC 12-hour clock period (AM/PM)>.
Yes
Yes
RTC_SetDate
Sets the current RTC date. < Calendar weekday,
Calendar Month, Calendar date, Calendar year>.
Yes
Yes
RTC_GetTime
Gets the current RTC time.
Yes
Yes
RTC_GetDate
Gets the current RTC date.
Yes
Yes
RTC_GetSubSecond
Gets the current RTC Calendar Subseconds value.
Yes
3
RTC_SetAlarm
Sets the RTC alarm configuration. < Alarm time fields,
Alarm masks, Alarm date/Weekday selection, Alarm
Date/Weekday value>.
Yes
Yes
RTC_GetAlarm
Gets the RTC alarm configuration.
Yes
Yes
RTC_AlarmCmd
Enables or disables the RTC alarm.
Yes
Yes
RTC_AlarmSubSecondConfi
g
Configures the RTC Alarm Subseconds value and mask.
Yes
4
RTC_WakeUpClockConfig
Configures the RTC wakeup clock source.
Yes
Yes
RTC_SetWakeUpCounter
Sets the RTC Wakeup counter value.
Yes
Yes
RTC_GetWakeUpCounter
Returns the RTC Wakeup timer counter value.
Yes
Yes
RTC_WakeUpCmd
Enables or disables the RTC Wakeup timer.
Yes
Yes
5
RTC_DayLightSavingConfig
Adds or subtracts one hour from the current time
depending on the daylight saving parameter.
Yes
Yes
RTC_GetStoreOperation
Returns the daylight saving stored operation.
Yes
Yes
6
RTC_OutputConfig
Configures the RTC output for the output pinout
(RTC_ALARM pin)
Yes
Yes
7
RTC_CalibOutputCmd
Enables or disables the connection of the
RTCCLK/PREDIV_A[6:0] clock to be output through the
relative pinout (RTC_CALIB pin).
Yes
Yes
RTC_CalibOutputConfig
Configures the Calib Pinout (RTC_CALIB) Selection
(1 Hz or 512 Hz).
Yes
only
512Hz is
available
8
RTC_ITConfig
Enables or disables the specified RTC interrupts.
Yes
Yes
RTC_GetFlagStatus
Checks whether the specified RTC flag is set or not.
Yes
Yes
RTC_ClearFlag
Clears the RTC pending flags.
Yes
Yes
RTC_GetITStatus
Checks whether the specified RTC interrupt has
occurred or not.
Yes
Yes
RTC_ClearITPendingBit
Clears the RTC interrupt pending bits.
Yes
Yes
Table 17.
RTC function groups (continued)
Group
ID
Function name
Description
High
density
Medium
density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com