Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 14Page - STMicroelectronics AN3133 Datasheet HTML 15Page - STMicroelectronics AN3133 Datasheet HTML 16Page - STMicroelectronics AN3133 Datasheet HTML 17Page - STMicroelectronics AN3133 Datasheet HTML 18Page - STMicroelectronics AN3133 Datasheet HTML 19Page - STMicroelectronics AN3133 Datasheet HTML 20Page - STMicroelectronics AN3133 Datasheet HTML 21Page - STMicroelectronics AN3133 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Programming the RTC
AN3133
18/43
Doc ID 16956 Rev 5
2.3
Programming the Auto-wakeup unit
Table 6 describes the steps required to configure the Auto-wakeup unit.
Table 6.
Steps to configure the Auto wake-up unit
Step
What to do
How to do it
Comments
1
Disable the wakeup timer.
Clear WUTE bit in
RTC_CR2 register.
2
Ensure access to Wakeup auto-reload
counter and bits WUCKSEL[2:0] is allowed.
Poll WUTWF until it
is set in RTC_ISR1.
It takes approximately 2
RTCCLK clock cycles.
3
Program the value into the wakeup timer.
Set RTC_WUTRL
and RTC_WUTRH.
See Section 3.4:
Maximum and minimum
RTC wakeup period.
4
Select the desired clock source.
Program
WUCKSEL[2:0] bits
in RTC_CR1 register.
5
Re-enable the wakeup timer.
Set WUTE bit in
RTC_CR2 register.
The wakeup timer
restarts down-counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com