Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3133 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 9Page - STMicroelectronics AN3133 Datasheet HTML 10Page - STMicroelectronics AN3133 Datasheet HTML 11Page - STMicroelectronics AN3133 Datasheet HTML 12Page - STMicroelectronics AN3133 Datasheet HTML 13Page - STMicroelectronics AN3133 Datasheet HTML 14Page - STMicroelectronics AN3133 Datasheet HTML 15Page - STMicroelectronics AN3133 Datasheet HTML 16Page - STMicroelectronics AN3133 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
AN3133
Real-time clock overview
Doc ID 16956 Rev 5
13/43
The RTC remains active in Low Power Run, Low Power Wait and Active-halt mode only if
the clock source is LSI or LSE. If the RTC clock is HSI or HSE, and the HALT instruction is
executed, the RTC is stopped (since the HSI and HSE clocks are stopped in Halt mode) and
cannot wake up the device.
Refer to the low power modes section of the STM8L05xx, STM8L15xx, STM8L162x,
STM8AL31xx and STM8AL3Lxx microcontroller family reference manual (RM0031) for more
details about low power modes.
1.7
Signals generated by RTC
The RTC peripheral has 2 outputs:
RTC_CALIB: it can be used to generate an external clock.
RTC_ALARM: unique output resulting from the multiplexing of the RTC alarm and
wakeup events.
1.7.1
RTC_CALIB output
The RTC_CALIB output is used to generate a variable-frequency signal. Depending on the
user application, this signal can play the role of a reference clock to calibrate an external
device, or be connected to a buzzer to generate a sound.
The signal frequency is configured through the 6 LSB bits (PREDIV_A [5:0]) of the
Asynchronous prescaler register, RTC_APRER.
When COSEL=0 (512Hz output), RTC_CALIB is the output of the 5th stage of the 6-bit
asynchronous prescaler. So if PREDIV_A[5]=0, no signal is output on RTC_CALIB.
When RTCCLK frequency is 32.768kHz and PREDIV_A[6:0] = 0x7F, RTC_CALIB frequency
is 512Hz.
When COSEL=1(1Hz output). RTC_CALIB is the output of the 8th stage of the 15-bit
synchronous prescaler. So if PREDIV_A[6:0] = 0x7F and PREDIV_S[15:0] = 0xFF,
RTC_CALIB frequency is 1Hz.
Table 3.
Low power modes where RTC is actor
Mode
Entry
Oscillator
CPU
Peripherals
status
wake up
Wait mode
WFI/WFE(1)
1.
There is no event associated to the RTC. As a consequence, the interrupt is served both in WFE and WFI
modes.
ON
ON
ON
Internal or external
event, reset
Low power run
mode
Software
sequence
LSI or LSE clock
ON
ON
Software sequence,
reset
Low power wait
mode
Software
sequence
+ WFE
LSI or LSE clock
OFF
ON
Internal or external
event, reset
Active-halt
mode
HALT(2)
2.
Before executing the HALT instruction, the application must clear all pending peripheral interrupts by
clearing the corresponding interrupt bit in the peripheral configuration register. Otherwise, the HALT
instruction is not executed and program execution continues.
Off except LSI
or LSE clock
OFF
OFF except RTC
and possibly LCD
External interrupts,
RTC interrupt, reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com