Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 126 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 122Page - STMicroelectronics PM0056 Datasheet HTML 123Page - STMicroelectronics PM0056 Datasheet HTML 124Page - STMicroelectronics PM0056 Datasheet HTML 125Page - STMicroelectronics PM0056 Datasheet HTML 126Page - STMicroelectronics PM0056 Datasheet HTML 127Page - STMicroelectronics PM0056 Datasheet HTML 128Page - STMicroelectronics PM0056 Datasheet HTML 129Page - STMicroelectronics PM0056 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 156 page
background image
Core peripherals
PM0056
126/156
DocID15491 Rev 5
4.3.8
Software trigger interrupt register (NVIC_STIR)
Address offset: 0xE00
Reset value: 0x0000 0000
Required privilege: When the USERSETMPEND bit in the SCR is set to 1, unprivileged
software can access the STIR, see Section 4.4.6: System control register (SCB_SCR). Only
privileged software can enable unprivileged access to the STIR.
4.3.9
Level-sensitive and pulse interrupts
STM32 interrupts are both level-sensitive and pulse-sensitive. Pulse interrupts are also
described as edge-triggered interrupts.
A level-sensitive interrupt is held asserted until the peripheral deasserts the interrupt signal.
Typically this happens because the ISR accesses the peripheral, causing it to clear the
interrupt request. A pulse interrupt is an interrupt signal sampled synchronously on the
rising edge of the processor clock. To ensure the NVIC detects the interrupt, the peripheral
must assert the interrupt signal for at least one clock cycle, during which the NVIC detects
the pulse and latches the interrupt.
When the processor enters the ISR, it automatically removes the pending state from the
interrupt, see Hardware and software control of interrupts. For a level-sensitive interrupt, if
the signal is not deasserted before the processor returns from the ISR, the interrupt
becomes pending again, and the processor must execute its ISR again. This means that the
peripheral can hold the interrupt signal asserted until it no longer needs servicing.
Hardware and software control of interrupts
The Cortex-M3 latches all interrupts. A peripheral interrupt becomes pending for one of the
following reasons:
•
The NVIC detects that the interrupt signal is HIGH and the interrupt is not active
•
The NVIC detects a rising edge on the interrupt signal
•
Software writes to the corresponding interrupt set-pending register bit, see
Section 4.3.4: Interrupt set-pending registers (NVIC_ISPRx), or to the STIR to make an
SGI pending, see Section 4.3.8: Software trigger interrupt register (NVIC_STIR).
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
INTID[8:0]
w
wwww
ww
w
w
Bits 31:9
Reserved, must be kept cleared.
Bits 8:0
NTID[8:0] Software generated interrupt ID
Write to the STIR to generate a Software Generated Interrupt (SGI). The value to be written is
the Interrupt ID of the required SGI, in the range 0-239. For example, a value of 0b000000011
specifies interrupt IRQ3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com