Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 130 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 126Page - STMicroelectronics PM0056 Datasheet HTML 127Page - STMicroelectronics PM0056 Datasheet HTML 128Page - STMicroelectronics PM0056 Datasheet HTML 129Page - STMicroelectronics PM0056 Datasheet HTML 130Page - STMicroelectronics PM0056 Datasheet HTML 131Page - STMicroelectronics PM0056 Datasheet HTML 132Page - STMicroelectronics PM0056 Datasheet HTML 133Page - STMicroelectronics PM0056 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 156 page
background image
Core peripherals
PM0056
130/156
DocID15491 Rev 5
4.4.2
CPUID base register (SCB_CPUID)
Address offset: 0x00
Reset value: 0x411F C231 (STM32F1 series)
Reset value: 0x412F C230 (STM32F2 and STM32L series)
Required privilege: Privileged
The CPUID register contains the processor part number, version, and implementation
information.
Bits 31:3
Reserved, must be kept cleared
Bit 2
DISFOLD
Disables folding of IT instructions:
0: Enables IT instructions folding.
1: Disables IT instructions folding.
Bit 1
DISDEFWBUF
Disables write buffer use during default memory map accesses:
0: Enable write buffer use: stores to memory is competed before next instruction.
1: Disable write buffer use.
Bit 0
DISMCYCINT
Disables interrupt of multi-cycle instructions:
0: Enable interruption latency of the processor (load/store and multiply/divide operations).
1: Disable interruptions latency.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Implementer
Variant
Constant
r
rrrr
r
r
r
r
r
rrrr
r
r
15
14
13
12
11
10
9
8
76
54
3
21
0
PartNo
Revision
r
rrrr
r
r
r
r
r
rrrr
r
r
Bits 31:24
Implementer: Implementer code
0x41: ARM
Bits 23:20
Variant: Variant number
The r value in the rnpn product revision identifier
0x1: r1
0x2: r2
Bits 19:16
Constant: Reads as 0xF
Bits 15:4
PartNo: Part number of the processor
0xC23: = Cortex-M3
Bits 3:0
Revision: Revision number
The p value in the rnpn product revision identifier, indicates patch release.
0x0: = p0
0x1: = p1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com