Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 129 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 125Page - STMicroelectronics PM0056 Datasheet HTML 126Page - STMicroelectronics PM0056 Datasheet HTML 127Page - STMicroelectronics PM0056 Datasheet HTML 128Page - STMicroelectronics PM0056 Datasheet HTML 129Page - STMicroelectronics PM0056 Datasheet HTML 130Page - STMicroelectronics PM0056 Datasheet HTML 131Page - STMicroelectronics PM0056 Datasheet HTML 132Page - STMicroelectronics PM0056 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 156 page
background image
DocID15491 Rev 5
129/156
PM0056
Core peripherals
4.4
System control block (SCB)
The System control block (SCB) provides system implementation information, and system
control. This includes configuration, control, and reporting of the system exceptions. The
CMSIS mapping of the Cortex-M3 SCB registers
To improve software efficiency, the CMSIS simplifies the SCB register presentation. In the
CMSIS, the byte array SHP[0] to SHP[12] corresponds to the registers SHPR1-SHPR3.
4.4.1
Auxiliary control register (SCB_ACTLR)
Address offset: 0x00 (base address = 0xE000 E008)
Reset value: 0x0000 0000
Required privilege: Privileged
The ACTLR register disables certain aspects of functionality within the processor. This
register is available in STM32F2 and STM32L series.
0x204
NVIC_IABR1
ACTIVE[63:32]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x208
NVIC_IABR2
Reserved
ACTIVE [80:64]
Reset Value
0 00 00 000 00 00 000 00
0x300
NVIC_IPR0
IP[3]
IP[2]
IP[1]
IP[0]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
::
:
0x320
NVIC_IPR20
Reserved
IP[80]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
SCB registers
Reserved
0xE00
NVIC_STIR
Reserved
INTID[8:0]
Reset Value
0 0 0 0 000 00
Table 44. NVIC register map and reset values (continued)
Offset
Register
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
DISF
OLD
DISD
EFW
BUF
DISM
CYCI
NT
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com