Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 128 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 124Page - STMicroelectronics PM0056 Datasheet HTML 125Page - STMicroelectronics PM0056 Datasheet HTML 126Page - STMicroelectronics PM0056 Datasheet HTML 127Page - STMicroelectronics PM0056 Datasheet HTML 128Page - STMicroelectronics PM0056 Datasheet HTML 129Page - STMicroelectronics PM0056 Datasheet HTML 130Page - STMicroelectronics PM0056 Datasheet HTML 131Page - STMicroelectronics PM0056 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 156 page
background image
Core peripherals
PM0056
128/156
DocID15491 Rev 5
For more information about these functions see the CMSIS documentation.
4.3.11
NVIC register map
The table provides shows the NVIC register map and reset values. The base address of the
main NVIC register block is 0xE000E100. The NVIC_STIR register is located in a separate
block at 0xE000EF00.
void NVIC_SetPendingIRQ (IRQn_t IRQn)
Set IRQn pending
void NVIC_ClearPendingIRQ (IRQn_t IRQn)
Clear IRQn pending status
uint32_t NVIC_GetActive (IRQn_t IRQn)
Return the IRQ number of the active
interrupt
void NVIC_SetPriority (IRQn_t IRQn, uint32_t priority)
Set priority for IRQn
uint32_t NVIC_GetPriority (IRQn_t IRQn)
Read priority of IRQn
void NVIC_SystemReset (void)
Reset the system
Table 43. CMSIS functions for NVIC control (continued)
CMSIS interrupt control function
Description
Table 44. NVIC register map and reset values
Offset
Register
0x000
NVIC_ISER0
SETENA[31:0]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x004
NVIC_ISER1
SETENA[63:32]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x008
NVIC_ISER2
Reserved
SETENA [80:64]
Reset Value
0 00 00 000 00 00 000 00
0x080
NVIC_ICER0
CLRENA[31:0]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x084
NVIC_ICER1
CLRENA[63:32]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x088
NVIC_ICER2
Reserved
CLRENA [80:64]
Reset Value
0 00 00 000 00 00 000 00
0x100
NVIC_ISPR0
SETPEND[31:0]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x104
NVIC_ISPR1
SETPEND[63:32]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x108
NVIC_ISPR2
Reserved
SETPEND [80:64]
Reset Value
0 00 00 000 00 00 000 00
0x180
NVIC_ICPR0
CLRPEND[31:0]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x184
NVIC_ICPR1
CLRPEND[63:32]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x188
NVIC_ICPR2
Reserved
CLRPEND [80:64]
Reset Value
0 00 00 000 00 00 000 00
0x200
NVIC_IABR0
ACTIVE[31:0]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com