Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 132 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 128Page - STMicroelectronics PM0056 Datasheet HTML 129Page - STMicroelectronics PM0056 Datasheet HTML 130Page - STMicroelectronics PM0056 Datasheet HTML 131Page - STMicroelectronics PM0056 Datasheet HTML 132Page - STMicroelectronics PM0056 Datasheet HTML 133Page - STMicroelectronics PM0056 Datasheet HTML 134Page - STMicroelectronics PM0056 Datasheet HTML 135Page - STMicroelectronics PM0056 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 156 page
background image
Core peripherals
PM0056
132/156
DocID15491 Rev 5
Bit 31
NMIPENDSET: NMI set-pending bit.
Write:
0: No effect
1: Change NMI exception state to pending.
Read:
0: NMI exception is not pending
1: NMI exception is pending
Because NMI is the highest-priority exception, normally the processor enter the NMI
exception handler as soon as it registers a write of 1 to this bit, and entering the handler clears
this bit to 0. A read of this bit by the NMI exception handler returns 1 only if the NMI signal is
reasserted while the processor is executing that handler.
Bits 30:29
Reserved, must be kept cleared
Bit 28
PENDSVSET: PendSV set-pending bit.
Write:
0: No effect
1: Change PendSV exception state to pending.
Read:
0: PendSV exception is not pending
1: PendSV exception is pending
Writing 1 to this bit is the only way to set the PendSV exception state to pending.
Bit 27
PENDSVCLR: PendSV clear-pending bit.
Write:
0: No effect
1: Removes the pending state from the PendSV exception.
Bit 26
PENDSTSET: SysTick exception set-pending bit.
Write:
0: No effect
1: Change SysTick exception state to pending
Read:
0: SysTick exception is not pending
1: SysTick exception is pending
Bit 25
PENDSTCLR: SysTick exception clear-pending bit.
Write:
0: No effect
1: Removes the pending state from the SysTick exception.
This bit is write-only. On a register read its value is unknown.
Bit 24
Reserved, must be kept cleared.
Bit 23
This bit is reserved for Debug use and reads-as-zero when the processor is not in Debug.
Bit 22
ISRPENDING: Interrupt pending flag, excluding NMI and Faults
0: Interrupt not pending
1: Interrupt pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com