Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 133 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 129Page - STMicroelectronics PM0056 Datasheet HTML 130Page - STMicroelectronics PM0056 Datasheet HTML 131Page - STMicroelectronics PM0056 Datasheet HTML 132Page - STMicroelectronics PM0056 Datasheet HTML 133Page - STMicroelectronics PM0056 Datasheet HTML 134Page - STMicroelectronics PM0056 Datasheet HTML 135Page - STMicroelectronics PM0056 Datasheet HTML 136Page - STMicroelectronics PM0056 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 156 page
background image
DocID15491 Rev 5
133/156
PM0056
Core peripherals
4.4.4
Vector table offset register (SCB_VTOR)
Address offset: 0x08
Reset value: 0x0000 0000
Required privilege: Privileged
Bits 21:12
VECTPENDING[9:0] Pending vector
Indicates the exception number of the highest priority pending enabled exception.
0: No pending exceptions
Other values: The exception number of the highest priority pending enabled exception.
The value indicated by this field includes the effect of the BASEPRI and FAULTMASK
registers, but not any effect of the PRIMASK register.
Bit 11
RETOBASE: Return to base level
Indicates whether there are preempted active exceptions:
0: There are preempted active exceptions to execute
1: There are no active exceptions, or the currently-executing exception is the only active
exception.
Bits 10:9
Reserved, must be kept cleared
Bits 8:0
VECTACTIVE[8:0] Active vector
Contains the active exception number:
0: Thread mode
Other values: The exception number(1) of the currently active exception.
Note: Subtract 16 from this value to obtain the IRQ number required to index into the
Interrupt Clear-Enable, Set-Enable, Clear-Pending, Set-Pending, or Priority Registers,
see Table 5 on page 18.
1. This is the same value as IPSR bits[8:0], see Interrupt program status register on page 18.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
TBLOFF[29:16]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
TBLOFF[15:9]
Reserved
rw
rw
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com