Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 114 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 110Page - STMicroelectronics RM0312 Datasheet HTML 111Page - STMicroelectronics RM0312 Datasheet HTML 112Page - STMicroelectronics RM0312 Datasheet HTML 113Page - STMicroelectronics RM0312 Datasheet HTML 114Page - STMicroelectronics RM0312 Datasheet HTML 115Page - STMicroelectronics RM0312 Datasheet HTML 116Page - STMicroelectronics RM0312 Datasheet HTML 117Page - STMicroelectronics RM0312 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
114/275
DocID022352 Rev 3
Figure 29. Counter timing diagram, CK_PSC divided by 1, TIMx_ARR=06h, ARPE=1
Hints on using center-aligned mode:
•
When starting in center-aligned mode, the current up-down configuration is used. It
means that the counter will start counting up or down depending on the value written in
the DIR bit in the TIMx_CR1 register. Moreover, the DIR and CMS bits must not be
changed at the same time by the software.
•
Writing to the counter while running in center-aligned mode is not recommended as it
can lead to unexpected results. In particular:
–
The direction is not updated if you write a value in the counter that is greater than
the auto-reload value (TIMx_CNT>TIMx_ARR). For example, if the counter was
counting up, it will continue to count up.
–
The direction is updated if you write 0 or write the TIMx_ARR value in the counter
but no Update Event UEV is generated.
•
The safest way to use center-aligned mode is to generate an update by software
(setting the UG bit in the TIMx_EGR register) just before starting the counter and not to
write the counter while it is running.
CK_PSC
02
CNT_EN
TIMER CLOCK = CK_CNT
COUNTER REGISTER
UPDATE INTERRUPT FLAG (UIF)
COUNTER UNDERFLOW
UPDATE EVENT (UEV)
03 04 05 06 05 04 03
03 02 01 00 01
04
COUNTER OVERFLOW
AUTO-RELOAD PRELOAD REGISTER
FD
06
AUTO-RELOAD SHADOW REGISTER
FD
06
Write a new value in TIMx_ARR
New value transferred in shadow register
on update event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com