Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 115 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 111Page - STMicroelectronics RM0312 Datasheet HTML 112Page - STMicroelectronics RM0312 Datasheet HTML 113Page - STMicroelectronics RM0312 Datasheet HTML 114Page - STMicroelectronics RM0312 Datasheet HTML 115Page - STMicroelectronics RM0312 Datasheet HTML 116Page - STMicroelectronics RM0312 Datasheet HTML 117Page - STMicroelectronics RM0312 Datasheet HTML 118Page - STMicroelectronics RM0312 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 275 page
background image
DocID022352 Rev 3
115/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
17.4
TIMx clock/trigger controller
The clock/trigger controller allows you to configure the timer clock sources, input triggers
and output triggers. The block diagram is shown in Figure 30.
Figure 30. Clock/trigger controller block diagram
17.4.1
Prescaler clock (CK_PSC)
The Time base unit prescaler clock (CK_PSC) can be provided by the following clock
sources:
•
Internal clock (fMASTER)
•
External clock mode 1: external timer input (TIx)
•
External clock mode 2: external trigger input ETR
•
Internal trigger inputs (ITRx): using one timer as prescaler for another timer. Refer to
Using one timer as prescaler for another timer on page 123 for more details.
17.4.2
Internal clock source
If both the clock/trigger mode controller and the external trigger input are disabled
(SMS=0b000 in TIMx_SMCR and ECE=0 in the TIMx_ETR register), then the CEN, DIR
and UG bits are actual control bits and can be changed only by software (except UG which
remains cleared automatically). As soon as the CEN bit is written to 1, the prescaler is
clocked by the internal clock.
MS32911V1
ETR
fMASTER
Trigger
Controller
TI1FP1
TI2FP2
TRGI
controller
Encoder
interface
Reset, Enable,
Input filter
Polarity selection & edge
detector & prescaler
ETRP
TGI
ETRF
TIMx_TRIG
Mode
Clock/Trigger
TRGO
to other
timers
TRC
TI1F_ED
TRGO from TIM3 (ITR2)
TRGO from TIM2 (ITR3)
ITR
CK_PSC
to Time
Base Unit
From input stage
From input stage
TRGO from TIM4 (ITR0)
Up/Down, Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com