Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 116 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 112Page - STMicroelectronics RM0312 Datasheet HTML 113Page - STMicroelectronics RM0312 Datasheet HTML 114Page - STMicroelectronics RM0312 Datasheet HTML 115Page - STMicroelectronics RM0312 Datasheet HTML 116Page - STMicroelectronics RM0312 Datasheet HTML 117Page - STMicroelectronics RM0312 Datasheet HTML 118Page - STMicroelectronics RM0312 Datasheet HTML 119Page - STMicroelectronics RM0312 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
116/275
DocID022352 Rev 3
Figure 31 shows the behavior of the control circuit and the up-counter in normal mode,
without prescaler.
Figure 31. Control circuit in normal mode, fMASTER divided by 1
17.4.3
External clock source mode 1
The counter can count at each rising or falling edge on a selected timer input. This mode is
selected when SMS=0b111 in the TIMx_SMCR register.
Figure 32. TI2 external clock connection example
For example, to configure the up-counter to count in response to a rising edge on the TI2
input, use the following procedure:
1.
Configure channel 2 to detect rising edges on the TI2 input by writing CC2S= ‘01’ in the
TIMx_CCMR2 register.
2.
Configure the input filter duration by writing the IC2F[3:0] bits in the TIMx_CCMR2
register (if no filter is needed , keep IC2F=0000).
Note:
The capture prescaler is not used for triggering, so you don’t need to configure it. Also you
don’t need to configure the TI2S bits, they only select the input capture source.
3.
Select rising edge polarity by writing CC2P=0 in the TIMx_CCER1 register.
4.
Configure the timer in external clock mode 1 by writing SMS=0b111 in the TIMx_SMCR
register.
5.
Select TI2 as the input source by writing TS=110 in the TIMx_SMCR register.
6.
Enable the counter by writing CEN=1 in the TIMx_CR1 register.
fMASTER
00
COUNTER CLOCK = CK_CNT = CK_PSC
COUNTER REGISTER
01 02 03 04 05 06 07
32 33 34 35 36
31
CEN = CNT_EN
UG
CNT_INIT (=UG synchronized: UG or UG+1 clock)
fMASTER
encoder
mode
external clock
mode 1
external clock
mode 2
internal clock
mode
ETRF
TRGI
TI1F
TI2F
or
or
or
(internal clock)
CK_PSC
TIMx_ETR
ECE
TIMx_SMCR
SMS[2:0]
TI1F_ED
TI1FP1
TI2FP2
ETRF
TIMx_SMCR
TS[2:0]
TI2
0
1
TIMx_CCER1
CC2P
Filter
ICF[3:0]
TIMx_CCMR2
Edge
Detector
ti2f_rising
ti2f_falling
110
100
101
111
TRGO from other timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com