Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 123 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 119Page - STMicroelectronics RM0312 Datasheet HTML 120Page - STMicroelectronics RM0312 Datasheet HTML 121Page - STMicroelectronics RM0312 Datasheet HTML 122Page - STMicroelectronics RM0312 Datasheet HTML 123Page - STMicroelectronics RM0312 Datasheet HTML 124Page - STMicroelectronics RM0312 Datasheet HTML 125Page - STMicroelectronics RM0312 Datasheet HTML 126Page - STMicroelectronics RM0312 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 275 page
background image
DocID022352 Rev 3
123/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
Using one timer as prescaler for another timer
Figure 42. Master/slave timer example
For example, you can configure Timer A to act as a prescaler for Timer B. Refer to
Figure 43. To do this:
1.
Configure Timer A in master mode so that it outputs a periodic trigger signal on each
update event UEV. To configure that a rising edge is output on TRGO1 each time an
update event is generated, write MMS=010 in the TIMx_CR2 register,.
2.
Connect the TRGO1 output of Timer A to Timer B, Timer B must be configured in slave
mode using ITR1 as internal trigger. Select this through the TS bits in the TIMx_SMCR
register (writing TS=001).
3.
Put the clock/trigger controller in external clock mode 1, by writing SMS=111 in the
TIMx_SMCR register. This causes Timer B to be clocked by the rising edge of the
periodic Timer A trigger signal (which corresponds to the Timer A counter overflow).
4.
Finally enable both timers by setting their respective CEN bits (TIMx_CR1 register).
Note:
If OCi is selected on Timer A as trigger output (MMS=1xx), its rising edge is used to clock
the counter of Timer B.
Using one timer to enable another timer
In this example, we control the enable of Timer B with the output compare 1 of Timer A.
Refer to Figure 43 for connections. Timer B counts on the divided internal clock only when
OC1REF of Timer A is high. Both counter clock frequencies are divided by 4 by the
prescaler compared to f
MASTER (f
CK_CNT = fMASTER/4).
1.
Configure Timer A master mode to send its Output Compare 1 Reference (OC1REF)
signal as trigger output (MMS=100 in the TIMx_CR2 register).
2.
Configure the Timer A OC1REF waveform (TIMx_CCMR1 register).
3.
Configure Timer B to get the input trigger from Timer A (TS=001 in the TIMx_SMCR
register).
4.
Configure Timer B in trigger gated mode (SMS=101 in TIMx_SMCR register).
5.
Enable Timer B by writing ‘1’ in the CEN bit (TIMx_CR1 register).
6.
Start Timer A by writing ‘1’ in the CEN bit (TIMx_CR1 register).
Note:
The counter 2 clock is not synchronized with counter 1, this mode only affects the Timer B
counter enable signal.
TRGO1
UEV
ITR1
PRESCALER COUNTER
SMS
TS
MMS
TIMER A
TIMER B
MASTER
MODE
CONTROL
SLAVE
MODE
CONTROL
CK_PSC
PRESCALER COUNTER
Clock
INPUT
SELECTION
TRIGGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com