Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 124 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 120Page - STMicroelectronics RM0312 Datasheet HTML 121Page - STMicroelectronics RM0312 Datasheet HTML 122Page - STMicroelectronics RM0312 Datasheet HTML 123Page - STMicroelectronics RM0312 Datasheet HTML 124Page - STMicroelectronics RM0312 Datasheet HTML 125Page - STMicroelectronics RM0312 Datasheet HTML 126Page - STMicroelectronics RM0312 Datasheet HTML 127Page - STMicroelectronics RM0312 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
124/275
DocID022352 Rev 3
Figure 43. Gating Timer B with OC1REF of Timer A
In the example in Figure 43, the Timer B counter and prescaler are not initialized before
being started. So they start counting from their current value. It is possible to start from a
given value by resetting both timers before starting Timer A. You can then write any value
you want in the timer counters. The timers can easily be reset by software using the UG bit
in the TIMx_EGR registers.
In the next example, we synchronize Timer A and Timer B. Timer A is the master and starts
from 0. Timer B is the slave and starts from E7h. The prescaler ratio is the same for both
timers. Timer B stops when Timer A is disabled by writing ‘0’ to the CEN bit in the TIMx_CR1
register:
1.
Configure Timer A master mode to send its Output Compare 1 Reference (OC1REF)
signal as trigger output (MMS=100 in the TIMx_CR2 register).
2.
Configure the Timer A OC1REF waveform (TIMx_CCMR1 register).
3.
Configure Timer B to get the input trigger from Timer A (TS=001 in the TIMx_SMCR
register).
4.
Configure Timer B in trigger gated mode (SMS=101 in TIMx_SMCR register).
5.
Reset Timer A by writing ‘1’ in UG bit (TIMx_EGR register).
6.
Reset Timer B by writing ‘1’ in UG bit (TIMx_EGR register).
7.
Initialize Timer B to 0xE7 by writing ‘E7h’ in the Timer B counter (TIMx_CNTRL).
8.
Enable Timer B by writing ‘1’ in the CEN bit (TIMx_CR1 register).
9.
Start Timer A by writing ‘1’ in the CEN bit (TIMx_CR1 register).
10. Stop Timer A by writing ‘0’ in the CEN bit (TIMx_CR1 register).
Timer B-TIF
Write TIF=0
FC
FD
FE
FF
00
3045
3047
3048
fMASTER
TIMER1-OC1REF
TIMER1-CNT
TIMER2-CNT
01
3046



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com