Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 125 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 121Page - STMicroelectronics RM0312 Datasheet HTML 122Page - STMicroelectronics RM0312 Datasheet HTML 123Page - STMicroelectronics RM0312 Datasheet HTML 124Page - STMicroelectronics RM0312 Datasheet HTML 125Page - STMicroelectronics RM0312 Datasheet HTML 126Page - STMicroelectronics RM0312 Datasheet HTML 127Page - STMicroelectronics RM0312 Datasheet HTML 128Page - STMicroelectronics RM0312 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 275 page
background image
DocID022352 Rev 3
125/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
Figure 44. Gating Timer B with the counter enable signal of Timer A (CNT_EN)
Using one timer to start another timer
In this example, we set the enable of Timer B with the update event of Timer A. Refer to
Figure 42 for connections. Timer B starts counting from its current value (which can be non-
zero) on the divided internal clock as soon as the update event is generated by Timer A.
When Timer B receives the trigger signal its CEN bit is automatically set and the counter
counts until we write ‘0’ to the CEN bit in the TIMx_CR1 register. Both counter clock
frequencies are divided by 4 by the prescaler compared to fMASTER (fCK_CNT = fMASTER/4).
1.
Configure Timer A master mode to send its Update Event (UEV) as trigger output
(MMS=010 in the TIMx_CR2 register).
2.
Configure the Timer A period (TIMx_ARR registers).
3.
Configure Timer B to get the input trigger from Timer A (TS=001 in the TIMx_SMCR
register).
4.
Configure Timer B in trigger mode (SMS=110 in TIMx_SMCR register).
5.
Start Timer A by writing ‘1’ in the CEN bit (TIMx_CR1 register).
Timer B-TIF
Write TIF=0
75
00
01
fMASTER
TIMERA-CEN = CNT_EN
TIMERA-CNT
TIMERB-CNT
02
TIMERA-UG
AB
00
E7
E8
E9
TIMERB-UG
TIMERB
write CNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com