Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 129 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 125Page - STMicroelectronics RM0312 Datasheet HTML 126Page - STMicroelectronics RM0312 Datasheet HTML 127Page - STMicroelectronics RM0312 Datasheet HTML 128Page - STMicroelectronics RM0312 Datasheet HTML 129Page - STMicroelectronics RM0312 Datasheet HTML 130Page - STMicroelectronics RM0312 Datasheet HTML 131Page - STMicroelectronics RM0312 Datasheet HTML 132Page - STMicroelectronics RM0312 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 275 page
background image
DocID022352 Rev 3
129/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
Figure 49. 16-bit read sequence for the TIMx_CCRi register in capture mode
Figure 49 shows the sequence for reading the CCRi registers in the 16-bit timers. This
buffered value remains unchanged until the 16-bit read sequence is completed.
After a complete reading sequence, if only the TIMx_CCRiL register is read, it returns the
LS Byte of the count value at the time of the read.
If the MS byte is read after the LS byte, it no longer corresponds to the same captured value
as the LS byte.
17.5.1
Write sequence for 16-bit TIMx_CCRi registers
16-bit values are loaded in the TIMx_CCRi
registers through preload registers. This must
be performed by two write instructions, one for each byte. The MS byte must be written first.
The shadow register update is blocked as soon as the MS byte has been written, and stays
blocked until the LS byte has been written. Do not use the LDW instruction, as this writes
the LS byte first, and would produce wrong results in this case.
17.5.2
Input stage
Figure 50. Channel input stage block diagram
As shown in Figure 51, the input stage samples the corresponding TIi input to generate a
filtered signal TIiF. Then, an edge detector with polarity selection generates a signal (TIiFPx)
which can be used as trigger input by the clock/trigger controller or as the capture
command. It is prescaled before the capture register (ICiPS).
is frozen
Read
At t0
Read
Preload register
is no longer frozen
At t0 +
Δt
Other
instructions
Beginning of the sequence
Sequence completed
Preload register
LS Byte
MS Byte
is buffered into
shadow register
the preload register
Other
instructions
is buffered into
shadow register
the preload register
Other
instructions
IC1
IC2
Input Filter &
Edge Detector
TI1FP1
TRC
TRC
TI1FP2
TI2FP1
TI2FP2
TI1
TI2
XOR
TIMx_CH1
TIMx_CH2
to clock/trigger controller
TRC
TI1F_ED
to capture/compare channels
from Comparator
Input Filter &
Edge Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com