Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 131 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 127Page - STMicroelectronics RM0312 Datasheet HTML 128Page - STMicroelectronics RM0312 Datasheet HTML 129Page - STMicroelectronics RM0312 Datasheet HTML 130Page - STMicroelectronics RM0312 Datasheet HTML 131Page - STMicroelectronics RM0312 Datasheet HTML 132Page - STMicroelectronics RM0312 Datasheet HTML 133Page - STMicroelectronics RM0312 Datasheet HTML 134Page - STMicroelectronics RM0312 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 275 page
background image
DocID022352 Rev 3
131/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
When an input capture occurs:
•
The TIMx_CCR1 register gets the value of the counter on the active transition.
•
The input capture flag (CC1IF) is set (interrupt flag). The overcapture flag CC1OF is
also set if at least two consecutive captures occured while the flag was not cleared.
•
An interrupt is generated depending on the CC1IE bit.
To handle the overcapture event (CC1OF flag), it is recommended to read the data before
the overcapture flag. This is to avoid missing an overcapture which could happen after
reading the flag and before reading the data.
Note:
It is not possible to send an IC interrupt without actually capturing the counter value in the
TIMx_CCRx register. Nevertheless, it is possible to generate the capture event by software
by setting the corresponding CCiG bit in the TIMx_EGR register.
PWM input signal measurement
This mode is a particular case of input capture mode. The procedure is the same except:
•
Two ICi are mapped on the same TIi input.
•
These 2 ICi are active on edges with opposite polarity.
•
One of the two TIiFP is selected as trigger input and the clock/trigger controller is
configured in trigger reset mode.
Figure 52. PWM input signal measurement
0
IC1
IC2
IC1
IC2
IC1: Period measurement
in TIMx_CCR1 register.
Reset counter.
IC2: Duty Cycle
measurement in
TIMx_CCR2 register
PWM Input
Signal
TIMx_ARR
Time
Time
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com