Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 132 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 128Page - STMicroelectronics RM0312 Datasheet HTML 129Page - STMicroelectronics RM0312 Datasheet HTML 130Page - STMicroelectronics RM0312 Datasheet HTML 131Page - STMicroelectronics RM0312 Datasheet HTML 132Page - STMicroelectronics RM0312 Datasheet HTML 133Page - STMicroelectronics RM0312 Datasheet HTML 134Page - STMicroelectronics RM0312 Datasheet HTML 135Page - STMicroelectronics RM0312 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
132/275
DocID022352 Rev 3
For example, you can measure the period (in the TIMx_CCR1 register) and the duty cycle
(in the TIMx_CCR2 register) of the PWM applied on TI1 using the following procedure
(depending on fMASTER frequency and prescaler value):
1.
Select the active input capture or trigger input for TIMx_CCR1: write the CC1S bits to
0b01 in the TIMx_CCMR1 register (TI1FP1 selected).
2.
Select the active polarity for TI1FP1 (used both for capture in TIMx_CCR1 and counter
clear): write the CC1P bit to ‘0’ (active on rising edge).
3.
Select the active input for TIMx_CCR2: write the CC2S bits to 0b10 in the
TIMx_CCMR2 register (TI1FP2 selected).
4.
Select the active polarity for TI1FP2 (used for capture in TIMx_CCR2): write the CC2P
bit to ‘1’ (active on falling edge).
5.
Select the valid trigger input: write the TS bits to 0b101 in the TIMx_SMCR register
(TI1FP1 selected).
6.
Configure the clock/trigger controller in reset mode: write the SMS bits to ‘100’ in the
TIMx_SMCR register.
7.
Enable the captures: write the CC1E and CC2E bits to ‘1’ in the TIMx_CCER1 register.
Figure 53. PWM input signal measurement example
17.5.4
Output stage
The output stage generates an intermediate waveform called OCiREF (active high) which is
then used for reference. Break functions and polarity act at the end of the chain.
Figure 54. Channel output stage block diagram
TI1
TIMx_CNT
0000
0001
0002
0003
0004
0000
0004
TIMx_CCR1
TIMx_CCR2
0004
0002
IC1 Capture
period measurement
reset counter
IC2 Capture
pulse width measurement
OC1REF
OC2REF
output
control
output
control
TIMx_CH1
OC1
from capture/compare
channels
TIMx_CH2
OC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com