Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 245 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 245 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 241Page - STMicroelectronics RM0312 Datasheet HTML 242Page - STMicroelectronics RM0312 Datasheet HTML 243Page - STMicroelectronics RM0312 Datasheet HTML 244Page - STMicroelectronics RM0312 Datasheet HTML 245Page - STMicroelectronics RM0312 Datasheet HTML 246Page - STMicroelectronics RM0312 Datasheet HTML 247Page - STMicroelectronics RM0312 Datasheet HTML 248Page - STMicroelectronics RM0312 Datasheet HTML 249Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 275 page
background image
DocID022352 Rev 3
245/275
RM0312
Universal synchronous/asynchronous receiver transmitter (USART)
249
21.6.3
Baud rate register 1 (USART_BRR1)
The baud rate registers are common to both the transmitter and the receiver. The baud rate
is programmed using two registers BRR1 and BRR2. Writing of BRR2 (if required) should
precede BRR1, since a write to BRR1 will update the baud counters.
See Figure 87: How to code USART_DIV in the BRR registers on page 235 and Table 46:
Baud rate programming and error calculation on page 236.
Note:
The baud counters stop counting if the TEN or REN bits are disabled respectively.
Address offset: 0x02
Reset value: 0x00
21.6.4
Baud rate register 2 (USART_BRR2)
Address offset: 0x03
Reset value: 0x00
7
654
3210
USART_DIV[11:4]
rw
rw
rw
rw
-
rw
rw
rw
Bits 7:0 USART_DIV[11:4]: USART_DIV bits (1)
These 8 bits define the 2nd and 3rd nibbles of the 16-bit USART divider (USART_DIV).
1. BRR1 = 0x00 means USART clock is disabled.
7
654
3210
USART_DIV[15:12]
USART_DIV[3:0]
rw
rw
Bits 7:4 USART_DIV[15:12]: MSB of USART_DIV
These 4 bits define the MSB of the USART Divider (USART_DIV)
Bits 3:0 USART_DIV[3:0]: LSB of USART_DIV
These 4 bits define the LSB of the USART Divider (USART_DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com