Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 246 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 246 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 242Page - STMicroelectronics RM0312 Datasheet HTML 243Page - STMicroelectronics RM0312 Datasheet HTML 244Page - STMicroelectronics RM0312 Datasheet HTML 245Page - STMicroelectronics RM0312 Datasheet HTML 246Page - STMicroelectronics RM0312 Datasheet HTML 247Page - STMicroelectronics RM0312 Datasheet HTML 248Page - STMicroelectronics RM0312 Datasheet HTML 249Page - STMicroelectronics RM0312 Datasheet HTML 250Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 275 page
background image
Universal synchronous/asynchronous receiver transmitter (USART)
RM0312
246/275
DocID022352 Rev 3
21.6.5
Control register 1 (USART_CR1)
Address offset: 0x04
Reset value: 0x00
7
654
3210
R8
T8
USARTD
M
WAKE
PCEN
PS
PIEN
rw
rw
rw
rw
rw
rw
rw
rw
Bit 7 R8: Receive data bit 8
This bit is used to store the 9th bit of the received word when M=1
Bit 6 T8: Transmit data bit 8
This bit is used to store the 9th bit of the transmitted word when M=1
Bit 5 USARTD: USART disable (for low power consumption)
When this bit is set the USART prescaler and outputs are stopped at the end of the current byte
transfer in order to reduce power consumption. This bit is set and cleared by software.
0: USART enabled
1: USART prescaler and outputs disabled
Bit 4 M: word length
This bit determines the word length. It is set or cleared by software.
0: 1 Start bit, 8 Data bits, ‘n’ STOP bit (n depending on STOP[1:0] bits in the USART_CR3 register)
1: 1 Start bit, 9 Data bits, 1 STOP bit
Note: The M bit must not be modified during a data transfer (both transmission and reception)
Bit 3 WAKE: Wakeup method
This bit determines the USART wakeup method, it is set or cleared by software.
0: Idle line
1: Address mark
Bit 2 PCEN: Parity control enable
This bit selects the hardware parity control (generation and detection). When the parity control is
enabled, the computed parity is inserted at the MSB position (9th bit if M=1; 8th bit if M=0) and parity is
checked on the received data. This bit is set and cleared by software. Once it is set, PCEN is active
after the current byte (in reception and in transmission).
0: Parity control disabled
1: Parity control enabled
Bit 1 PS: Parity selection
This bit selects the odd or even parity when the parity generation/detection is enabled (PCEN bit set).
It is set and cleared by software. The parity will be selected after the current byte.
0: Even parity
1: Odd parity
Bit 0 PIEN: Parity interrupt enable
This bit is set and cleared by software.
0: Parity interrupt disabled
1: Parity interrupt is generated whenever PE=1 in the USART_SR register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com