Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 250 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 250 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 246Page - STMicroelectronics RM0312 Datasheet HTML 247Page - STMicroelectronics RM0312 Datasheet HTML 248Page - STMicroelectronics RM0312 Datasheet HTML 249Page - STMicroelectronics RM0312 Datasheet HTML 250Page - STMicroelectronics RM0312 Datasheet HTML 251Page - STMicroelectronics RM0312 Datasheet HTML 252Page - STMicroelectronics RM0312 Datasheet HTML 253Page - STMicroelectronics RM0312 Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 275 page
background image
ProxSense™ (PXS)
RM0312
250/275
DocID022352 Rev 3
22
ProxSense™ (PXS)
22.1
Introduction
The ProxSense peripheral measures a capacitance variation so that applications can detect
the proximity or touch of one or more conductive objects when the electrodes are connected
to the PXS pins.
This peripheral operates in Projected mode which is used to measure the charge
transferred by a driven electrode to a second electrode.
Note:
ProxSense
™ is a trademark of Azoteq (Pty) Ltd.
22.2
Main features of the ProxSense peripheral
•
10 independent receiver channels, allowing 10 measurements to be performed in
parallel.
•
Each of the 10 receiver channels can be associated with two different pins, effectively
allowing an application to have up to 20 receiver channels.
•
Each receiver channel can be independently configured to perform projected
capacitance measurements.
•
The size of each CS capacitor can be independently configured with 5 bits of resolution.
•
The size of each electrode parasitic capacitance compensation (EPCC) capacitor can
be independently configured with 8 bits of resolution.
•
The launch of each conversion can be synchronized with an external input, allowing for
very precise measurements in the presence of cyclic disturbances (such as
50 Hz/60 Hz power-supply circuits).
•
End of conversion interrupt, which has an associated interrupt flag, and can wake the
CPU from Active-halt mode.
•
First channel completion interrupt, which has an associated interrupt flag, and can
wake the CPU from Active-halt mode after the first channel has finished its
measurement.
•
The frequency of the clock driving the charge transfer protocol (based on HSI_PXS)
can be scaled from 125 kHz up to 16 MHz.
•
The duration of the UP and PASS phases can be configured independently to optimize
acquisition frequency.
•
The noise detection feature, when enabled, indicates if there was noise during a
previous conversion.
•
Response time can be enhanced by specifying a maximum conversion measurement
value, which is mainly useful for touchkey applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com