Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 252 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 252 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 248Page - STMicroelectronics RM0312 Datasheet HTML 249Page - STMicroelectronics RM0312 Datasheet HTML 250Page - STMicroelectronics RM0312 Datasheet HTML 251Page - STMicroelectronics RM0312 Datasheet HTML 252Page - STMicroelectronics RM0312 Datasheet HTML 253Page - STMicroelectronics RM0312 Datasheet HTML 254Page - STMicroelectronics RM0312 Datasheet HTML 255Page - STMicroelectronics RM0312 Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 275 page
background image
ProxSense™ (PXS)
RM0312
252/275
DocID022352 Rev 3
Figure 95. ProxSense block diagram
There are 15 transmit outputs (m = 0 to 14) and up to 10 receivers (n = 0 to 9), each cell having 2 PXS_RX pins
(A and B).
22.4.2
ProxSense charge transfer sequence
A ProxSense acquisition consists of a series of charge transfers, each of which is divided
into an UP phase and a PASS phase. The acquisition result is the number of charge
transfers which are necessary to cause the internal capacitor (Cs), which receives each of
the charge transfers, to reach the threshold voltage.
The events which occur during the UP and PASS phases are defined in Table 54.
CNT[15:0]
n
PXS_RXA
n
PXS_TX
m
Enable
m
n
n
n
MAXEN[15:0]
n
n
n
PXS_TRIG
PXS_VREG
Noise
Detector
Voltage
Regulator
PXS Clock
PXS Ctrl
MS18159V1
PXS_RFIN
PXS_RXB
n
EPCC
PXS_RXSR
PXS_RXENR
PXS_RXINSR
PXS_RXCR1
PXS_RXCR2
PXS_RXCR3
PXS_RXMAXENR
Acquisition Receive Cell
n
Valid
counter
value
n
Acquisition Transmit Cell
m
PXS_OSC
16 MHz
PXS_RX
nCNTR
PXS_RXMAXR
PXS_RX
nCSSELR
PXS_RX
nEPCCSELR
Enable
Inactive state
Mode/Function
Maximum Enable
Maximum Value
CS
ProxSense Controller
Prescaler
PXS_TXENR
PXS_CR1
PXS_CR2
PXS_CR3
PXS_SR
PXS_CKCR1
PXS_CKCR2
Table 54. Activities during the UP and PASS phases
Mode
UP phase
PASS phase
Projected
capacitance
– Tx line forced low
– Rx line held at sampled voltage
(sampled at end of previous PASS
phase).
– Tx line forced high
– Cs absorbs the charge transferred to
the Rx line through the projected
capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com