Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 254 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 254 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 250Page - STMicroelectronics RM0312 Datasheet HTML 251Page - STMicroelectronics RM0312 Datasheet HTML 252Page - STMicroelectronics RM0312 Datasheet HTML 253Page - STMicroelectronics RM0312 Datasheet HTML 254Page - STMicroelectronics RM0312 Datasheet HTML 255Page - STMicroelectronics RM0312 Datasheet HTML 256Page - STMicroelectronics RM0312 Datasheet HTML 257Page - STMicroelectronics RM0312 Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 275 page
background image
ProxSense™ (PXS)
RM0312
254/275
DocID022352 Rev 3
Acquisition initialization
These initializations can be made when the PXS is enabled in PXS_CR1, but not when a
conversion is ongoing.
•
Enable optionally the interrupts, the synchronization feature, and the Rx coupling in
PXS_CR2.
•
Select the mode for the receivers in PXS_RXCR1/2/3. In a standard application, this is
done only once for all acquisitions.
•
Select the state of the pin when the Rx is disabled (inactive) in the PXS_RXINSR
register. The state of the disabled PXS_TXm pins is configured by the corresponding
GPIO. For instance, to have PXS_TX0 grounded when inactive, PD0 must be
configured as output low level (PD_DR = 0bxxxxxxx0). To configure TX0 as high
impedance, PD0 must be configured as output open-drain high level (PD_DR =
0bxxxxxxx1).
•
Set the maximum count limit in PXS_MAXR and enable it for the selected receivers in
PXS_MAXENR.
•
Select the sampling capacitor (Cs) size in PXS_RXnCSSELR registers. It is
recommended to select the same Cs size for all receivers belonging to the same
object, especially when a position is interpolated from the measurements of some
receivers (for example, sliders, wheels or screens).
•
Select the receiver group channels A or B in the PXS_CR2 register
•
Select the receivers and the transmitters by setting their corresponding bits
respectively in PXS_RXENR and PXS_TXENR.
•
Select the electrode parasitic capacitance compensation size according to the
acquisition configuration in PXS_RXnEPCCSELR registers. This size has to be
adapted for each couple (Rx, Tx).
The last three actions should be repeated before each acquisition with a different
transmitter.
22.5.3
PXS acquisition launching
Manual start
The acquisition is launched on all enabled receivers in parallel by setting the START bit in
PXS_CR1.
Synchronized start
To synchronize an acquisition with an external signal connected to the PXS_TRIG pin, the
SYNC feature must be enabled and the signal edge selected in PXS_CR2. The acquisition
is enabled by setting the START bit in PXS_CR1 and the acquisition starts on the next
occurrence of the selected edge on the PXS_TRIG pin. Once a synchronized acquisition is
completed, the START bit must be set again to start a new acquisition.
The start cannot be synchronized during Active-halt mode as transitions on the PXS_TRIG
input are not recognized during Active-halt mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com