Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 257 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 257 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 253Page - STMicroelectronics RM0312 Datasheet HTML 254Page - STMicroelectronics RM0312 Datasheet HTML 255Page - STMicroelectronics RM0312 Datasheet HTML 256Page - STMicroelectronics RM0312 Datasheet HTML 257Page - STMicroelectronics RM0312 Datasheet HTML 258Page - STMicroelectronics RM0312 Datasheet HTML 259Page - STMicroelectronics RM0312 Datasheet HTML 260Page - STMicroelectronics RM0312 Datasheet HTML 261Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 275 page
background image
DocID022352 Rev 3
257/275
RM0312
ProxSense™ (PXS)
273
Other parameters to reduce consumption
The principle factor of power consumption in the ProxSense module is the conversion time.
For optimal power consumption, it is necessary to select the lowest acquisition length that
will not adversely affect sensitivity.
To further reduce power consumption, it is recommended to ground the Rx pins when they
are disabled by resetting the PXS_RXINSR register and to configure the GPIO pins
connected to Tx channels as output low level when they are not driven by the ProxSense.
If the Rx lines do not interact with each other, disabling Rx coupling by resetting the
RXCOUPLING bit in PXS_CR2, will also reduce power consumption as the Rx line drive is
stopped as soon as the corresponding CS reaches the threshold voltage (VTHR).
The sample and hold strength is confgured using the BIAS[1:0] bits in PXS_CR3 to set the
minimum value that will allow the final discharged voltage to be maintained while the
transmit lines (Tx) are transitioning back to low.
22.8
PXS interrupts
The ProxSense has two interrupt request sources:
•
End of conversion (EOC) interrupt, which is activated when all of the enabled channels
have completed their acquisitions.
•
First channel conversion completion (FCC) interrupt, which is activated as soon as one
channel completes its acquisition.
To enable interrupt requests for each interrupt source, set the required EOCITEN or
FCCITEN interrupt enable bit in PXS_CR2.
Before enabling an interrupt, it is recommended to clear the EOCF and FCCF status flags in
PXS_ISR to avoid triggering an interrupt due to a previously completed acquisition.
Before exiting the interrupt routine, the EOCF and FCCF status flags must be cleared by
writing ‘0’ in the corresponding bit in PXS_ISR.
Note:
These interrupts enable the device to exit from Wait and Active-halt modes but, not from
Halt mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com