Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 260 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 260 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 256Page - STMicroelectronics RM0312 Datasheet HTML 257Page - STMicroelectronics RM0312 Datasheet HTML 258Page - STMicroelectronics RM0312 Datasheet HTML 259Page - STMicroelectronics RM0312 Datasheet HTML 260Page - STMicroelectronics RM0312 Datasheet HTML 261Page - STMicroelectronics RM0312 Datasheet HTML 262Page - STMicroelectronics RM0312 Datasheet HTML 263Page - STMicroelectronics RM0312 Datasheet HTML 264Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 275 page
background image
ProxSense™ (PXS)
RM0312
260/275
DocID022352 Rev 3
22.9.3
ProxSense Control Register 3 (PXS_CR3)
Address offset: 0x02
Reset value: 0x04
Bit 1SYNCEN: Enable synchronization (SYNC) feature
0: Disable the SYNC feature
1: Enable the SYNC feature
This feature cannot be used with Active-halt mode: transitions on the PXS_TRIG input are not
recognized during Active-halt mode.
Bit 0SYNCEDGE: Synchronization edge selection
0: Launch conversion on the falling edge of the PXS_TRIG input (when SYNCEN = 1)
1: Launch conversion on the rising edge of the PXS_TRIG input (when SYNCEN = 1)
76543210
STAB[1:0]
BIAS[1:0]
VTHR[3:0]
rw
rw
rw
Bits 7:6 STAB[1:0]: Selection for stabilization time after ProxSense power-on
00: 1.7 ms, can be used for all configurations.
01: 500 µs, can be used when at least one channel with moderate consumption (>170 µA) is
activated.
10: 120 µs, can be used when several channels are activated in Projected mode
11: Reserved, do not use this selection
This stabilization time is applied at the beginning of the first conversion after each time the ProxSense
is powered on (on every conversion when LOW_POWER = 1).
Bits 5:4 BIAS[1:0]: Sample and hold strength selection
00: 2.5 µA
01: 5 µA
10: 7.5 µA
11: 10 µA
This is the nominal bias current for the OpAmps which maintain the PXS_RXn pins at the final
(discharged) voltage while the transmit lines are transitioning (back) low. This function is valid only for
projected capacitance measurements. A higher bias is needed when the projected capacitance (the
capacitance between each Rx line and each Tx line) is high.
Note: This register can be modified only when PXSEN = 0.
Bits 3:0 VTHR[3:0]: Threshold voltage (VTHR) selection
0000: 0.5 x VREG
...
0100: 0.61 x VREG (default after reset)
...
1111: 0.9 x VREG
The threshold voltage can be set to values between 0.5 * VREG and 0.9 * VREG using VTHR[3:0]:
VREG = 0.02667 x VTHR x VREG + VREG/2
When the voltage on a given sampling capacitor (CS) reaches VTHR, the conversion for the
corresponding receive channel is completed.
Note: This register can be modified only when PXSEN = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com