Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 263 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 263 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 259Page - STMicroelectronics RM0312 Datasheet HTML 260Page - STMicroelectronics RM0312 Datasheet HTML 261Page - STMicroelectronics RM0312 Datasheet HTML 262Page - STMicroelectronics RM0312 Datasheet HTML 263Page - STMicroelectronics RM0312 Datasheet HTML 264Page - STMicroelectronics RM0312 Datasheet HTML 265Page - STMicroelectronics RM0312 Datasheet HTML 266Page - STMicroelectronics RM0312 Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 275 page
background image
DocID022352 Rev 3
263/275
RM0312
ProxSense™ (PXS)
273
22.9.6
ProxSense Clock Control Register 2 (PXS_CKCR2)
Address offset: 0x07
Reset value: 0x11
Bit 0 INCPHASE: Increases the length of each of the UP and PASS phases by one half of a clock cycle.
0: The charge-transfer phase lengths are as follows:
UP phase: 0.5 + UPLEN + ANADEAD cycles of the ProxSense clock
PASS phase: 0.5 + PASSLEN cycles of the ProxSense clock
1: The charge-transfer phase lengths are one half cycle longer:
UP phase: 1 + UPLEN + ANADEAD cycles of the ProxSense clock
PASS phase: 1 + PASSLEN cycles of the ProxSense clock
Note: This bit can be modified only when CIPF = 0.
76543210
Reserved
UPLEN[2:0]
Reserved
PASSLEN[2:0]
rw
rw
Bit 7 Reserved
Bits 6:4 UPLEN[2:0]: Length of UP phase(1)
The number of cycles in the UP phase is: 0.5 + UPLEN + (0.5 * INCPHASE) + ANADEAD.
Note: These bits can be modified only when PXSEN = 0.
Bit 3 Reserved
Bits 2:0 PASSLEN[2:0]: Length of PASS phase(1)
The number of cycles in the PASS phase is: 0.5 + PASSLEN + (0.5 * INCPHASE).
Note: These bits can be modified only when PXSEN = 0.
1. For UPLEN and PASSLEN, if the value is less than or equal to 4, UP phase = 0.5+UPLEN+(0.5*INCPHASE)+ANADEAD;
if the value is greater than 4, UP phase = 0.5+2^(UPLEN-2)+(0.5*INCPHASE)+ANADEAD; So, if UPLEN = 5, UP phase =
0.5+8+(0.5*INCPHASE)+ANADEAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com