Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 259 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 259 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 255Page - STMicroelectronics RM0312 Datasheet HTML 256Page - STMicroelectronics RM0312 Datasheet HTML 257Page - STMicroelectronics RM0312 Datasheet HTML 258Page - STMicroelectronics RM0312 Datasheet HTML 259Page - STMicroelectronics RM0312 Datasheet HTML 260Page - STMicroelectronics RM0312 Datasheet HTML 261Page - STMicroelectronics RM0312 Datasheet HTML 262Page - STMicroelectronics RM0312 Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 275 page
background image
DocID022352 Rev 3
259/275
RM0312
ProxSense™ (PXS)
273
22.9.2
ProxSense Control Register 2 (PXS_CR2)
Address offset: 0x01
Reset value: 0x00
7654321
0
EOCITEN
FCCITEN
NOISEDETEN
Reserved
RXGROUP
RXCOUPLING
SYNCEN
SYNCEDGE
rw
rw
rw
rw
rw
rw
rw
Bit 7 EOCITEN: End of conversion interrupt enable
0: End of conversion interrupt disabled
1: End of conversion interrupt enabled
When enabled, an interrupt occurs when EOCF = 1, i.e., once all the conversions on the receivers
have been completed. EOCF must be cleared during the interrupt service routine.
Bit 6 FCCITEN: First conversion completion interrupt enable
0: First conversion completion interrupt disabled
1: First conversion completion interrupt enabled
When enabled, an interrupt occurs when FCCF = 1, i.e., a first conversion is completed on one of the
enabled receivers. Subsequent conversion completions on other channels do not trigger an interrupt,
even if FCCF was previously cleared. Software can determine which channels have completed their
conversions by reading the PXS_RXSR register.
Bit 5 NOISEDETEN: Noise detection enable
0: RF Noise detection disabled
1: RF Noise detection enabled
When NOISEDETEN = 1, the RF noise detection circuit is enabled. An antenna should be connected
to the PXS_RFIN pin to detect RF noise properly. NOISEDETF in PXS_ISR indicates if noise was
detected during a conversion.
Note: This bit can be modified only when PXSEN = 0.
Bit 4 Reserved
Bit 3 RXGROUP: Rx group selection
0: Rx ‘A’ group (RX0A to RX9A) is active
1: Rx ‘B’ group (RX0B to RX9B) is active
Note: When RXGROUP = 0, the Rx ‘B’ group is in the inactive state (as specified by PXS_RXINSR),
and vice-versa.
Note: This bit can be modified only when CIPF = 0.
Bit 2 RXCOUPLING: Reduce coupling between receiver lines
0: The charge transfer cycle stops on a Rx line when its corresponding Cs has reached the
threshold voltage (VTHR).
1: Each Rx which is activated (RXENn = 1) continues to toggle until all of the activated Rx channels
have reached the threshold voltage (VTHR) or a timeout occurs.
For applications where the Rx lines have significant coupling between each other, it may be beneficial
to set this bit so that the parasitic coupling on a given Rx line does not increase after a neighboring Rx
channel has reached the threshold voltage.
Resetting this bit to 0 can reduce power consumption since some Rx lines would likely toggle for
shorter periods of time.
Note: This bit can be modified only when CIPF = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com