Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 261 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 261 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 257Page - STMicroelectronics RM0312 Datasheet HTML 258Page - STMicroelectronics RM0312 Datasheet HTML 259Page - STMicroelectronics RM0312 Datasheet HTML 260Page - STMicroelectronics RM0312 Datasheet HTML 261Page - STMicroelectronics RM0312 Datasheet HTML 262Page - STMicroelectronics RM0312 Datasheet HTML 263Page - STMicroelectronics RM0312 Datasheet HTML 264Page - STMicroelectronics RM0312 Datasheet HTML 265Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 275 page
background image
DocID022352 Rev 3
261/275
RM0312
ProxSense™ (PXS)
273
22.9.4
ProxSense Interrupt and Status Register (PXS_ISR)
Address offset: 0x04
Reset value: 0x00
7654321
0
EOCF
FCCF
NOISEDETF
CIPF
SYNCPF
SYNC_OVRF
Reserved
rc
rc
rc
r
r
r
Bit 7 EOCF: End of conversion flag
0: No end of conversion has occurred
1: End of conversion has occurred
This status bit is set by hardware when each of the enabled Rx channels has finished converting and
the results are ready.
EOCF is cleared by hardware when a conversion is launched (when CIPF becomes ‘1’) or when
PXSEN = 0.
If EOCITEN = 1, the ProxSense interrupt occurs when EOCF transitions to 1. EOCF must be cleared
by software before exiting the interrupt service routine.
Note: When clearing this flag, it is recommended to write 0x60 to this register to avoid accidentally
erasing the other flag bits. The BRES instruction is discouraged since an event may occur
between the read and write.
Bit 6 FCCF: First conversion completion flag
0: No first conversion completion interrupt has occurred
1: First conversion completion interrupt has occurred
This status bit is set by hardware the first time a channel conversion is completed after a conversion
has started. Subsequent conversion completions on other channels do not cause this bit to be set.
FCCF is cleared by hardware when a conversion is launched (when CIPF becomes ‘1’) or when
PXSEN = 0.
If FCCITEN = 1, the ProxSense interrupt occurs when FCCF rises. FCCF must be cleared by software
before exiting the interrupt service routine.
Note: When clearing this flag, it is recommended to write 0xA0 to this register to avoid accidentally
erasing the other flag bits. The BRES instruction is discouraged since an event may occur
between the read and write.
Bit 5 NOISEDETF: Noise detection flag
0: No noise detected
1: Noise detected
This status bit is set by hardware if RF noise is detected during a conversion. NOISEDETF is cleared
by software.
Note: When clearing this flag, it is recommended to write 0xC0 to this register to avoid accidentally
erasing the other flag bits. The BRES instruction is discouraged since an event may occur
between the read and write.
Bit 4 CIPF: Conversion in progress flag
0: No conversion is in progress
1: A conversion is in progress
This status bit is set by hardware when the START bit is set and it is cleared by hardware when the
conversion is completed. CIPF is read-only.
Note: Many control registers are locked (read-only) when CIPF = 1.
Note: If PXSEN is set to 0 (by software) during a conversion, the conversion is stopped. In this case,
CIPF remains at ‘1’ for as long as 8 µs after which it transitions to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com