Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 258 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 258 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 254Page - STMicroelectronics RM0312 Datasheet HTML 255Page - STMicroelectronics RM0312 Datasheet HTML 256Page - STMicroelectronics RM0312 Datasheet HTML 257Page - STMicroelectronics RM0312 Datasheet HTML 258Page - STMicroelectronics RM0312 Datasheet HTML 259Page - STMicroelectronics RM0312 Datasheet HTML 260Page - STMicroelectronics RM0312 Datasheet HTML 261Page - STMicroelectronics RM0312 Datasheet HTML 262Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 275 page
background image
ProxSense™ (PXS)
RM0312
258/275
DocID022352 Rev 3
22.9
ProxSense registers
22.9.1
ProxSense Control Register 1 (PXS_CR1)
Address offset: 0x00
Reset value: 0x00
7654321
0
PXSEN
START
LOW_POWER
Reserved
rw
r0_w
rw
Bit 7 PXSEN: ProxSense enable
0: ProxSense feature is disabled and ProxSense analog circuits are powered down
1: ProxSense feature is activated
This bit is reset to 0 only by software.
Note: If PXSEN is set to 0 (by software) during a conversion, the conversion is stopped and the
conversion results are not guaranteed.
Bit 6 START: Start conversion
0: Writing zero has no effect
1: Start conversion
Writing 1 to this bit starts a new conversion if the ProxSense peripheral is enabled (if PXSEN = 1) and
if a conversion is not already in progress (if CIPF = 0). START is always read as ‘0’.
Note: Writing 1 when a conversion is already in progress (when CIPF = 1) has no effect.
Note: Writing 1 when the ProxSense peripheral is disabled (when PXSEN = 0) has no effect unless
PXSEN is being set with the same write instruction.
Bit 5 LOW_POWER: Low power mode
0: ProxSense analog is powered on whenever PXSEN = 1
1: ProxSense analog is powered on only during conversions (while CIPF = 1 and SYNCPF = 0)
Bits 4:0 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com