Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 256 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 256 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 252Page - STMicroelectronics RM0312 Datasheet HTML 253Page - STMicroelectronics RM0312 Datasheet HTML 254Page - STMicroelectronics RM0312 Datasheet HTML 255Page - STMicroelectronics RM0312 Datasheet HTML 256Page - STMicroelectronics RM0312 Datasheet HTML 257Page - STMicroelectronics RM0312 Datasheet HTML 258Page - STMicroelectronics RM0312 Datasheet HTML 259Page - STMicroelectronics RM0312 Datasheet HTML 260Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 275 page
background image
ProxSense™ (PXS)
RM0312
256/275
DocID022352 Rev 3
22.7
Low power modes
22.7.1
Behavior in low power modes
22.7.2
Reducing power consumption
As for other peripherals, the consumption can be reduced when the peripheral is not used
by disabling the ProxSense and switching its clock in the CLK_PCKENiR register.
LOW_POWER bit
Setting the LOW_POWER bit in PXS_CR1 powers on the analog part of the ProxSense only
while a conversion is active. This introduces a stabilization time just after the START bit is
set, so in case of successive conversions with time constraints, it is recommended to clear
the LOW_POWER bit just before setting the START bit to avoid this stabilization between
the acquisitions.
Stabilization time
The ProxSense peripheral manages its stabilization automatically. In other words, if
software or the SYNC feature requests that a conversion is launched before it is stabilized,
the conversion is deferred and started automatically as soon as stabilization is complete.
The length of time required for the analog circuits to stabilize after powering on the
ProxSense is inversely related to the amount of current sunk by the ProxSense circuitry
during a conversion.
Examples include:
•
An extra 420 μs of stabilization time might be required if only a single channel is active,
with a charge-transfer frequency of 4 MHz, with BIAS = ‘10’, and with 10 pF on the Tx
line.
•
An extra 120 μs of stabilization time is required if several configured channels are
active.
The duration of the stabilization time can be reduced using the STAB[1:0] bits in register
PXS_CR3. This can reduce the overall current consumption of the application. By default, a
period of 1.7 ms is selected.
Table 55. Behavior in low power modes
Mode
Description
Wait
PXS interface is active.
Interrupt events cause the device to exit from Wait and Active-halt.
Active-halt
Halt
PXS interface is not active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com