Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 255 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 255 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 251Page - STMicroelectronics RM0312 Datasheet HTML 252Page - STMicroelectronics RM0312 Datasheet HTML 253Page - STMicroelectronics RM0312 Datasheet HTML 254Page - STMicroelectronics RM0312 Datasheet HTML 255Page - STMicroelectronics RM0312 Datasheet HTML 256Page - STMicroelectronics RM0312 Datasheet HTML 257Page - STMicroelectronics RM0312 Datasheet HTML 258Page - STMicroelectronics RM0312 Datasheet HTML 259Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 275 page
background image
DocID022352 Rev 3
255/275
RM0312
ProxSense™ (PXS)
273
22.5.4
PXS acquisition result
The application can check that the acquisition is fully completed by polling the EOCF bit in
PXS_ISR. Alternatively, the application can poll the FCCF bit in PXS_ISR to find out when
at least one channel has finished its acquisition. Otherwise, instead of polling EOCF or
FCCF, the corresponding interrupts can be enabled. If the PXS_RXSR and PXS_RXENR
registers are identical, all the selected Rx have been successfully acquired. Each channel
result is available in PXS_RXnCNTR.
The status flags EOCF and FCCF in PXS_ISR are cleared by setting the START bit in
PXS_CR1 again.
If the noise detection is enabled, its flag must be checked before processing the data.
22.5.5
Stopping a PXS acquisition
The only way to stop a conversion which is in progress is by writing ‘0’ to PXSEN. In this
case, the results of the conversion which was stopped prematurely are not guaranteed.
Caution:
CIPF can stay at ‘1’ for as long as 8 µs after PXSEN is cleared.
22.6
Special features
22.6.1
Sampling capacitor selection
As the sampling capacitors are built-in, their size can be adapted to the connected
electrode. 32 sizes of sampling capacitances (CS) can be selected for each receiver using
the PXS_RXnCSSELR register.
22.6.2
EPCC selection
The electrode parasitic capacitance compensation (EPCC) first fine-tunes the CS
capacitance value so that all receiver conversion results are close to the same targeted
value. Second, it can be used to compensate for changes in the environment conditions.
This compensation makes the system more sensitive to changes and thus smaller
capacitance changes on the electrode can be detected.
The EPCC size is adjusted in the PXS_RXnEPCCSELR register.
22.6.3
RF detection
Besides on-chip protection which prevents RF contamination, the product provides a feature
to detect RF interference.
An antenna has to be connected to the PXS_RFIN pin, and the NOISEDETEN bit must be
set in the PXS_CR2 register before enabling the ProxSense by setting PXS_EN bit in
PXS_CR1. Then, after each acquisition, the application can check the NOISEDETF bit in
the PXS_ISR register to verify if the results should be discarded. The NOISEDETF bit must
be reset by the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com