Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 251 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 251 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 247Page - STMicroelectronics RM0312 Datasheet HTML 248Page - STMicroelectronics RM0312 Datasheet HTML 249Page - STMicroelectronics RM0312 Datasheet HTML 250Page - STMicroelectronics RM0312 Datasheet HTML 251Page - STMicroelectronics RM0312 Datasheet HTML 252Page - STMicroelectronics RM0312 Datasheet HTML 253Page - STMicroelectronics RM0312 Datasheet HTML 254Page - STMicroelectronics RM0312 Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 275 page
background image
DocID022352 Rev 3
251/275
RM0312
ProxSense™ (PXS)
273
22.3
PXS pins
Note: m = 0 to 14 (transmit outputs) and n = 0 to 9 (receivers).
22.4
Functional description
22.4.1
General description
Figure 95 shows the block diagram of the ProxSense peripheral.
There are 10 receiver channels so that the capacitance on 10 electrodes can be measured
in parallel. Two pins are associated with each receiver channel; one is from the A group and
the other is from the B group, enabling the measurement of 20 electrodes.
Each receiver channel converts the capacitance it measures on an electrode into a 16-bit
value (PXS_RXnCNTR). It acquires this result by repeatedly transferring a charge from the
electrode to an internal capacitor, Cs. The resulting value is the number of charge transfers
which are necessary to raise the voltage on the Cs above a reference voltage. Thus, a
larger capacitance results in a smaller value.
In Projected Capacitance mode (selected using PXS_RXCRn), the capacitance between a
Tx electrode and the corresponding Rx electrode is measured. In this case, the acquisition
gives larger data values as a conductive object approaches the intersection of these two
electrodes. This is because the Tx electrode starts to couple more with the conductive
object and less with the Rx electrode.
Table 53. PXS pins
Name
Signal type
Description
PXS_RXnA/
PXS_RXnB
Analog input/output
20 receivers, each associated with one of the 10 internal
CS capacitors into which the electrode charge is
transferred (RXAn and RXBn share one Cs).
PXS_TXm
Digital output
15 transmit outputs, each of which can drive an electrode
that transfers a charge (through a projected capacitor) into
a second electrode connected to a Rx pin.
PXS_RFIN
Analog input
Antenna input to detect radio frequency (RF) noise.
PXS_TRIG
Digital input
External trigger for the acquisition.
PXS_VREG
External decoupling
capacitor
A capacitance must be connected to stabilize the dedicated
ProxSense regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com