Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 267 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 267 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 263Page - STMicroelectronics RM0312 Datasheet HTML 264Page - STMicroelectronics RM0312 Datasheet HTML 265Page - STMicroelectronics RM0312 Datasheet HTML 266Page - STMicroelectronics RM0312 Datasheet HTML 267Page - STMicroelectronics RM0312 Datasheet HTML 268Page - STMicroelectronics RM0312 Datasheet HTML 269Page - STMicroelectronics RM0312 Datasheet HTML 270Page - STMicroelectronics RM0312 Datasheet HTML 271Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 275 page
background image
DocID022352 Rev 3
267/275
RM0312
ProxSense™ (PXS)
273
22.9.17
Transmit Enable Register for Tx[15:8] (PXS_TXENRH)
Address offset: 0x16
Reset value: 0x00
22.9.18
Transmit Enable Register for Tx[7:0] (PXS_TXENRL)
Address offset: 0x17
Reset value: 0x00
22.9.19
Maximum Counter Value Register for Rx[9:8] (PXS_MAXRH)
Address offset: 0x1A
Reset value: 0xFF
22.9.20
Maximum Counter Value Register for Rx[7:0] (PXS_MAXRL)
Address offset: 0x1B
Reset value: 0xFF
76543210
TXEN15
TXEN14
TXEN13
TXEN12
TXEN11
TXEN10
TXEN9
TXEN8
rw
rw
rw
rw
rw
rw
rw
rw
76543210
TXEN7
TXEN6
TXEN5
TXEN4
TXEN3
TXEN2
TXEN1
TXEN0
rw
rw
rw
rw
rw
rw
rw
rw
Bits 15:0 TXENm: Transmit output m function enable
0: The alternate function for Transmit output m is disabled and the corresponding pin becomes a
general-purpose IO (GPIO) or can be used by other alternate functions.
1: The alternate function for Transmit output m is enabled
Note: When PXSEN = 0, all transmit alternate functions are disabled.
Note: These bits can be modified only when CIPF = 0.
Note: All transmitters can be individually enabled to operate simultaneously.
76543210
MAX[15:8]
rw
76543210
MAX[7:0]
rw
Bits 15:10 Reserved
Bits 7:0 MAX[15:0]: 16-bit value indicating the maximum allowed value for the conversion data. When the
conversion data of a receiver channel reaches this value, the conversion stops. The conversion data
(PXS_RXnCNTR) is 0x0000 for those channels which did not reach the threshold voltage (VTHR) before
reaching the maximum count and their corresponding data-valid bit (VALIDn) is ‘0’ in PXS_RXSR.
Note: These registers can be modified only when CIPF = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com