Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 269 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 269 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 265Page - STMicroelectronics RM0312 Datasheet HTML 266Page - STMicroelectronics RM0312 Datasheet HTML 267Page - STMicroelectronics RM0312 Datasheet HTML 268Page - STMicroelectronics RM0312 Datasheet HTML 269Page - STMicroelectronics RM0312 Datasheet HTML 270Page - STMicroelectronics RM0312 Datasheet HTML 271Page - STMicroelectronics RM0312 Datasheet HTML 272Page - STMicroelectronics RM0312 Datasheet HTML 273Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 275 page
background image
DocID022352 Rev 3
269/275
RM0312
ProxSense™ (PXS)
273
22.9.23
Receiver Status Register for Rx[9:8] (PXS_RXSRH)
Address offset: 0x1E
Reset value: 0x00
22.9.24
Receiver Status Register for Rx[7:0] (PXS_RXSRL)
Address offset: 0x1F
Reset value: 0x00
7654321
0
Reserved
VALID9
VALID8
rr
7654321
0
VALID7
VALID6
VALID5
VALID4
VALID3
VALID2
VALID1
VALID0
rrrrrrr
r
Bits 15:10 Reserved
Bits 9:0 VALIDn: Valid bit for conversion data for receiver channel n is valid
0: RXnCNTR is ‘0’ and not valid
1: RXnCNTR is valid
As soon as the voltage on a Cs capacitor has reached the threshold voltage (VTHR), its data register is
updated and the corresponding VALIDn bit is set.
PXS_RXSR is cleared at the start of each conversion (when START transitions from ‘0’ to ‘1’).
PXS_RXSR is also cleared when PXSEN = 0.
VALIDn remains cleared when the channel is disabled (RXENn = 0), or when it is in Projected
transmitting mode (RXCR1/2/3_n is ‘011’). It also remains cleared if the corresponding channel’s data
reaches 65535 (0xFFFF) if MAXENn is cleared or exceeds MAX[15:0] and MAXENn is ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com