Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 271 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 271 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 267Page - STMicroelectronics RM0312 Datasheet HTML 268Page - STMicroelectronics RM0312 Datasheet HTML 269Page - STMicroelectronics RM0312 Datasheet HTML 270Page - STMicroelectronics RM0312 Datasheet HTML 271Page - STMicroelectronics RM0312 Datasheet HTML 272Page - STMicroelectronics RM0312 Datasheet HTML 273Page - STMicroelectronics RM0312 Datasheet HTML 274Page - STMicroelectronics RM0312 Datasheet HTML 275Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 271 / 275 page
background image
DocID022352 Rev 3
271/275
RM0312
ProxSense™ (PXS)
273
22.9.27
Receiver 0 to 9 Sampling Capacitor (CS) Size Selection Registers 0-9
(PXS_RXnCSSELR)
Address offsets: 0x40 - 0x49
Reset values: 0x00
22.9.28
Receiver 0- to 9 Electrode Parasitic Compensation Capacitor (EPCC)
Size Selection Registers 0-9 (PXS_RXnEPCCSELR)
Address offsets: 0x50 - 0x59
Reset values: 0x00
76543210
Reserved
RXnCSSEL[4:0]
rw
Bits 7:5 Reserved
Bits 4:0 RXnCSSEL[4:0]: Size selection for the internal sampling capacitor (Cs) of Receiver Channel n.
0x00 - 0x1F: TBD
This register can be modified only when CIPF = 0.
76543210
RXnEPCC[7:0]
rw
Bits 7:0 RXnEPCC[7:0]: Size selection for the internal electrode parasitic compensation capacitor (EPCC) of
Receiver Channel n.
0x00: EPCC disabled
0x01 - 0xFF: EPCC capacitor size for receiver channel n is:
RXnEPCC * 0.0625 pF
Note: This register can be modified only when CIPF = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com