Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 274 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 274 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 267Page - STMicroelectronics RM0312 Datasheet HTML 268Page - STMicroelectronics RM0312 Datasheet HTML 269Page - STMicroelectronics RM0312 Datasheet HTML 270Page - STMicroelectronics RM0312 Datasheet HTML 271Page - STMicroelectronics RM0312 Datasheet HTML 272Page - STMicroelectronics RM0312 Datasheet HTML 273Page - STMicroelectronics RM0312 Datasheet HTML 274Page - STMicroelectronics RM0312 Datasheet HTML 275Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 274 / 275 page
background image
Revision history
RM0312
274/275
DocID022352 Rev 3
23
Revision history
Table 57. Document revision history
Date
Revision
Changes
28-Oct-2011
1
Initial release
20-Mar-2012
2
Changed title to “STM8TL5xxx microcontroller family” to cover
STM8T52x and STM8TL53x devices
Added PCODE description to Section 4.4: Memory organization on
page 26.
08-Oct-2013
3
Replaced CLK_CCOR reset value to 0x10. Updated CCOSLP0 bit
reset value to 1 in Table 16: CLK register map and reset values.
Added Chapter 11: System configuration controller (SYSCFG).
Updated bit3 of SPI_CR1 register in Section 20.5: SPI register map
and reset values.
Updated Internal signal name related to the timer input filtered edge
detector and the description of TRGO in Table 33: Glossary of
internal timer signals.
Updated the Figure 19: TIMx general block diagram and Figure 30:
Clock/trigger controller block diagram.
Added sub section SCL master clock generation in section
Section 19.4.2: I2C master mode.
Updated FREQ bit description in Section 19.7.3: Frequency register
(I2C_FREQR).
Updated TRISE bit description in Section 19.7.14: TRISE register
(I2C_TRISER).
Updated the notes of CCR bits in both Section 19.7.12: Clock control
register low (I2C_CCRL) and Section 19.7.13: Clock control register
high (I2C_CCRH).
Updated range of FREQ bits in Section 19.7.3: Frequency register
(I2C_FREQR).
Updated the disclaimer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com