Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 243 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 243 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 239Page - STMicroelectronics RM0312 Datasheet HTML 240Page - STMicroelectronics RM0312 Datasheet HTML 241Page - STMicroelectronics RM0312 Datasheet HTML 242Page - STMicroelectronics RM0312 Datasheet HTML 243Page - STMicroelectronics RM0312 Datasheet HTML 244Page - STMicroelectronics RM0312 Datasheet HTML 245Page - STMicroelectronics RM0312 Datasheet HTML 246Page - STMicroelectronics RM0312 Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 275 page
background image
DocID022352 Rev 3
243/275
RM0312
Universal synchronous/asynchronous receiver transmitter (USART)
249
21.6
USART registers
21.6.1
Status register (USART_SR)
Address offset: 0x00
Reset value: 0xC0
7
654
3210
TXE
TC
RXNE
IDLE
OR
NF
FE
PE
r
rc_w0
rr
rrrr
Bit 7 TXE: Transmit data register empty
This bit is set by hardware when the content of the TDR register has been transferred into the shift
register. An interrupt is generated if the TIEN bit =1 in the USART_CR2 register. It is cleared by a write
to the USART_DR register.
0: Data is not transferred to the shift register
1: Data is transferred to the shift register
Bit 6 TC: Transmission complete
TC bit is set by hardware if the transmission of a frame containing data is complete and TXE bit is set.
An interrupt is generated if TCIEN=1 in the USART_CR2 register.
TC bit is cleared either by a software sequence (a read to the USART_SR register followed by a write
to the USART_DR register), or by programming the bit to ‘0’. This clear sequence is recommended
only for multibuffer communications.
0: Transmission is not complete
1: Transmission is complete
Bit 5 RXNE: Read data register not empty
This bit is set by hardware when the content of the RDR shift register has been transferred to the
USART_DR register. An interrupt is generated if RIEN=1 in the USART_CR2 register. It is cleared by
a read to the USART_DR register.
0: Data is not received
1: Received data is ready to be read.
Bit 4 IDLE: IDLE line detected (1)
This bit is set by hardware when an Idle Line is detected. An interrupt is generated if the ILIEN=1 in
the USART_CR2 register. It is cleared by a software sequence (a read to the USART_SR register
followed by a read to the USART_DR register).
0: No Idle Line is detected
1: Idle Line is detected
Bit 3 OR: Overrun error(2)
This bit is set by hardware when the word currently being received in the shift register is ready to be
transferred into the RDR register while RXNE=1. An interrupt is generated if RIEN=1 in the
USART_CR2 register. It is cleared by a software sequence (a read to the USART_SR register
followed by a read to the USART_DR register).
0: No Overrun error
1: Overrun error is detected
Bit 2 NF: Noise flag (3)
This bit is set by hardware when noise is detected on a received frame. It is cleared by a software
sequence (a read to the USART_SR register followed by a read to the USART_DR register).
0: No noise is detected
1: Noise is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com