Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 240 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 240 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 236Page - STMicroelectronics RM0312 Datasheet HTML 237Page - STMicroelectronics RM0312 Datasheet HTML 238Page - STMicroelectronics RM0312 Datasheet HTML 239Page - STMicroelectronics RM0312 Datasheet HTML 240Page - STMicroelectronics RM0312 Datasheet HTML 241Page - STMicroelectronics RM0312 Datasheet HTML 242Page - STMicroelectronics RM0312 Datasheet HTML 243Page - STMicroelectronics RM0312 Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 275 page
background image
Universal synchronous/asynchronous receiver transmitter (USART)
RM0312
240/275
DocID022352 Rev 3
During the idle state, preamble phase and break transmission, the external USART_CK
clock is not activated. In synchronous mode, the USART transmitter works exactly like in
asynchronous mode. But as USART_CK is synchronized with USART_TX (depending on
CPOL and CPHA), the data on USART_TX is synchronous. In this mode, the USART
receiver works slightly differently compared to the asynchronous mode: if REN=1, the data
is still sampled using the internal oversampling clock and the baud rate clock is output on
the USART_CK pin (rising or falling edge is aligned with the data sampling event depending
on CPOL and CPHA). But contrary to asynchronous mode, the data is evaluated using one
sample and not the majority of 3 samples, meaning that the NF bit will never be set.
Setup and hold times must be respected (depending on the baud rate: 1/16 bit time for an
integer baud rate).
Note:
1
The USART_CK pin works in conjunction with the USART_TX pin. When the USART
transmitter is disabled (TEN and REN= 0), the USART_CK and USART_TX pins go into
high impedance state.
2
The LBCL, CPOL and CPHA bits in USART_CR3 have to be selected when both the
transmitter and the receiver are disabled (TEN=REN=0) to ensure that the clock pulses
function correctly. These bits should not be changed while the transmitter or the receiver is
enabled.
3
It is recommended to set TEN and REN are set in the same instruction in order to minimize
the setup and the hold time of the receiver.
4
The USART supports master mode only: it cannot receive or send data related to an input
clock (USART_CK is always an output).
5
The data given in this section apply only when the USART_DIV[3:0] bits in the
USART_BRR2 register are kept at 0. Else the setup and hold times are not 1/16 of a bit time
but 4/16 of a bit time.
This option allows to serially control peripherals which consist of shift registers, without
losing any functions of the asynchronous communication which can still talk to other
asynchronous transmitters and receivers.
Figure 90. USART example of synchronous transmission
Data out
USART_RX
USART_TX
USART_CK
USART
Data in
Synchronous device
(for example slave SPI)
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com