Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 236 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 236 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 232Page - STMicroelectronics RM0312 Datasheet HTML 233Page - STMicroelectronics RM0312 Datasheet HTML 234Page - STMicroelectronics RM0312 Datasheet HTML 235Page - STMicroelectronics RM0312 Datasheet HTML 236Page - STMicroelectronics RM0312 Datasheet HTML 237Page - STMicroelectronics RM0312 Datasheet HTML 238Page - STMicroelectronics RM0312 Datasheet HTML 239Page - STMicroelectronics RM0312 Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 275 page
background image
Universal synchronous/asynchronous receiver transmitter (USART)
RM0312
236/275
DocID022352 Rev 3
Note:
The lower the fMASTER frequency, the lower the accuracy for a particular baud rate.The upper
limit of the achievable baud rate can be fixed with the above data.
21.3.5
USART receiver’s tolerance to clock deviation
The USART’s asynchronous receiver works correctly only if the total clock system deviation
is smaller than the USART receiver’s tolerance. The causes which contribute to the total
deviation are:
•
DTRA: Deviation due to the transmitter error (which also includes the deviation of the
transmitter’s local oscillator)
•
DQUANT: Error due to the baud rate quantization of the receiver
•
DREC: Deviation of the receiver’s local oscillator
•
DTCL: Deviation due to the transmission line (generally due to the transceivers which
can introduce an asymmetry between the low-to-high transition timing and the high-to-
low transition timing)
DTRA + DQUANT + DREC + DTCL < USART receiver’s tolerance
The USART receiver’s tolerance to properly receive data is equal to the maximum tolerated
deviation and depends on the following choices:
•
10- or 11-bit character length defined by the M bit in the USART_CR1 register
•
Use of fractional baud rate or not
Table 46. Baud rate programming and error calculation
Baud rate
fMASTER = 16 MHz
In bps
Actual
% Error(1)
1. Error % = (Calculated - Desired) Baud Rate / Desired Baud Rate
USART_DIV
BRR1
BRR2
2.4
2.4
0.0
2710h
71h
20h
9.6
9.6
0.0
09C4h
9Ch
04h
19.2
19.2
0.0
04E2
4Eh
02h
57.6
57.554
-0.08
01A1h
1Ah
01h
115.2
115.385
0.16
00D0h
0Dh
00h
230.4
230.769
0.16
0068h
06h
08h
460.8
461.538
0.16
0034h
03h
04h
921.6
923.077
0.16
001Ah
01h
0Ah
Table 47. USART receiver’s tolerance when USART_DIV[3:0] is 0
M bit
NF is an error
NF is don’t care
0
3.75%
4.375%
1
3.41%
3.97%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com