Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 235 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 235 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 231Page - STMicroelectronics RM0312 Datasheet HTML 232Page - STMicroelectronics RM0312 Datasheet HTML 233Page - STMicroelectronics RM0312 Datasheet HTML 234Page - STMicroelectronics RM0312 Datasheet HTML 235Page - STMicroelectronics RM0312 Datasheet HTML 236Page - STMicroelectronics RM0312 Datasheet HTML 237Page - STMicroelectronics RM0312 Datasheet HTML 238Page - STMicroelectronics RM0312 Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 275 page
background image
DocID022352 Rev 3
235/275
RM0312
Universal synchronous/asynchronous receiver transmitter (USART)
249
Configurable STOP bits during reception
The number of STOP bits to be received can be configured through the control bits of
Control Register 3 - it can be either 1 or 2.
1.
1 STOP bit: Sampling for 1 STOP bit is done on the 8th, 9th and 10th samples.
2.
2 STOP bits: Sampling for 2 STOP bits is done on the 8th, 9th and 10th samples of the
first STOP bit.If a framing error is detected during the first STOP bit the framing error
flag will be set. The second STOP bit is not checked for framing error. The RXNE flag
will be set at the end of the first STOP bit.
21.3.4
High precision baud rate generator
The receiver and transmitter (Rx and Tx) are both set to the same baud rate programmed by
a 16-bit divider USART_DIV according to the following formula:
The USART_DIV baud rate divider is an unsigned integer, coded in the BRR1 and BRR2
registers as shown in Figure 87.
Refer to Table 46 for typical baud rate programming examples.
Figure 87. How to code USART_DIV in the BRR registers
Note:
The Baud Counters will be updated with the new value of the Baud Registers after a write to
BRR1. Hence the Baud Register value should not be changed during a transaction. The
BRR2 should be programmed before BRR1.
Note:
USART_DIV must be greater than or equal to 16d.
Tx/ Rx baud rate =
fMASTER
USART_DIV
7
0
7
0
USART_BRR1
USART_BRR2
4 3
Example: To obtain 9600 baud with fMASTER = 16 MHz.
USART_DIV[15:12]
USART_DIV[11:4]
USART_DIV[3:0]
USART_DIV = 1667d = 0683h See the following table.
register = 03h
USART_DIV = 16 000 000/9600
register = 68h
68h
3h
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com