Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 239 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 239 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 235Page - STMicroelectronics RM0312 Datasheet HTML 236Page - STMicroelectronics RM0312 Datasheet HTML 237Page - STMicroelectronics RM0312 Datasheet HTML 238Page - STMicroelectronics RM0312 Datasheet HTML 239Page - STMicroelectronics RM0312 Datasheet HTML 240Page - STMicroelectronics RM0312 Datasheet HTML 241Page - STMicroelectronics RM0312 Datasheet HTML 242Page - STMicroelectronics RM0312 Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 275 page
background image
DocID022352 Rev 3
239/275
RM0312
Universal synchronous/asynchronous receiver transmitter (USART)
249
It exits from mute mode when an address character is received which matches the
programmed address. Then the RWU bit is cleared and subsequent bytes are received
normally. The RXNE bit is set for the address character since the RWU bit has been
cleared.
The RWU bit can be written to 0 or 1 when the receiver buffer contains no data (RXNE=0 in
the USART_SR register). Otherwise the write attempt is ignored.
An example of mute mode behavior using address mark detection is given in Figure 89.
Figure 89. Mute mode using address mark detection
Note:
If parity control is enabled, the parity bit remains in the MSB and the address bit is put in the
"MSB - 1" bit.
For example, with 7-bit data, address mode and parity control:
SB I 7-bit data I ADD I PB I STB
where:
SB = Start Bit
STB = STOP Bit
ADD = Address bit
PB = Parity Bit
21.3.8
USART synchronous communication
The USART transmitter allows the user to control bidirectional synchronous serial
communications in master mode.
Note:
This feature is only available for devices with USART_CK pin. Check the device pinout for
availability.
The USART_CK pin is the output of the USART transmitter clock. No clock pulses are sent
to the USART_CK pin during start bit and STOP bit. Depending on the state of the LBCL bit
in the USART_CR3 register clock pulses will or will not be generated during the last valid
data bit (address mark). The CPOL bit in the USART_CR3 register allows the user to select
the clock polarity, and the CPHA bit in the USART_CR3 register allows the user to select the
phase of the external clock (see Figure 90, Figure 91 & Figure 92). During idle and break
frames, the external CK clock is not activated.
In synchronous mode, the USART receiver works differently compared to asynchronous
mode. If REN=1, the data is sampled on USART_CK (rising or falling edge, depending on
CPOL and CPHA), without any oversampling. A setup and a hold time (even if the hold time
is not relevant due to the SPI protocol) must be respected (which depends on the baud rate:
1/16 bit time for an integer baud rate).
RWU written to 1
IDLE
RX
Addr=0
RWU
Mute Mode
Normal Mode
Matching address
RXNE
RXNE
(RXNE was cleared)
Data 2
Data 3 Data 4
Data 5
Data 1
IDLE
Addr=1
Addr=2
Mute Mode
In this example, the current address of the receiver is 1
(programmed in the USART_CR4 register)
Non-matching address
Non-matching address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com