Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 232 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 232 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 228Page - STMicroelectronics RM0312 Datasheet HTML 229Page - STMicroelectronics RM0312 Datasheet HTML 230Page - STMicroelectronics RM0312 Datasheet HTML 231Page - STMicroelectronics RM0312 Datasheet HTML 232Page - STMicroelectronics RM0312 Datasheet HTML 233Page - STMicroelectronics RM0312 Datasheet HTML 234Page - STMicroelectronics RM0312 Datasheet HTML 235Page - STMicroelectronics RM0312 Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 275 page
background image
Universal synchronous/asynchronous receiver transmitter (USART)
RM0312
232/275
DocID022352 Rev 3
Figure 85. Start bit detection
Note:
If the sequence is not complete, the start bit detection aborts and the receiver returns to the
idle state (no flag is set), where it waits for a falling edge.
If only 2 out of the 3 bits are at 0 (sampling on the 3rd, 5th and 7th bits or sampling on the 8th,
9th and 10th bits), the start bit is validated but the NF noise flag bit is set.
The start bit is confirmed if the last 3 samples are at 0 (sampling on the 8th, 9th, and 10th
bits.
Character reception
During a USART reception, data shifts in least significant bit first through the USART_RX
pin. In this mode, the USART_DR register consists of a buffer (RDR) between the internal
bus and the received shift register (see Figure 2).
Procedure:
1.
Program the M bit in USART_CR1 to define the word length.
2.
Program the number of STOP bits in USART_CR3.
3.
Select the desired baud rate by programming the baud rate registers in the following
order:
a)
USART_BRR2
b)
USART_BRR1
4.
Set the REN bit USART_CR2. This enables the receiver which begins searching for a
start bit.
RX line
sampled values
Idle
Start bit
RX state
Real
sample
clock
Ideal
sample
clock
0
1
0
X0
X
0
0
0
0
X
X
X
XX
X
Conditions
to validate
the start bit
At least 2 bits
out of 3 at 0
At least 2 bits
out of 3 at 0
Falling edge
detection
1
1
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15 16
X
X
X
X
X
X
X
X
9
10
1112131415 16
6/16
7/16
One-bit time
7/16
X
ai15471



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com