Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 234 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 234 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 230Page - STMicroelectronics RM0312 Datasheet HTML 231Page - STMicroelectronics RM0312 Datasheet HTML 232Page - STMicroelectronics RM0312 Datasheet HTML 233Page - STMicroelectronics RM0312 Datasheet HTML 234Page - STMicroelectronics RM0312 Datasheet HTML 235Page - STMicroelectronics RM0312 Datasheet HTML 236Page - STMicroelectronics RM0312 Datasheet HTML 237Page - STMicroelectronics RM0312 Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 275 page
background image
Universal synchronous/asynchronous receiver transmitter (USART)
RM0312
234/275
DocID022352 Rev 3
Figure 86. Data sampling for noise detection
Note:
The sample clock frequency is 16x baud rate.
When noise is detected in a frame:
•
The NF is set at the rising edge of the RXNE bit.
•
The invalid data is transferred from the Shift register to the USART_DR register.
This bit rises at the same time as the RXNE bit which generates an interrupt. The NF bit is
reset by a USART_SR register read operation followed by a USART_DR register read
operation.
Framing error
A framing error is detected when:
The STOP bit is not recognized on reception at the expected time, following either a de-
synchronization or excessive noise.
When the framing error is detected:
•
The FE bit is set by hardware
•
The invalid data is transferred from the Shift register to the USART_DR register.
•
No interrupt is generated in case of single byte communication. However, this bit rises
at the same time as the RXNE bit which itself generates an interrupt.
The FE bit is reset by a USART_SR register read operation followed by a USART_DR
register read operation.
RX LINE
Sample
clock
12345678910
11 12
13
14
15
16
sampled values
One bit time
6/16
7/16
7/16
Table 45. Noise detection from sampled data
Sampled value
NF status
Received bit value
Data validity
000
0
0
Valid
001
1
0
Not Valid
010
1
0
Not Valid
011
1
1
Not Valid
100
1
0
Not Valid
101
1
1
Not Valid
110
1
1
Not Valid
111
0
1
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com