Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 6 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 2Page - ON Semiconductor LC79451KB Datasheet HTML 3Page - ON Semiconductor LC79451KB Datasheet HTML 4Page - ON Semiconductor LC79451KB Datasheet HTML 5Page - ON Semiconductor LC79451KB Datasheet HTML 6Page - ON Semiconductor LC79451KB Datasheet HTML 7Page - ON Semiconductor LC79451KB Datasheet HTML 8Page - ON Semiconductor LC79451KB Datasheet HTML 9Page - ON Semiconductor LC79451KB Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LC79451KB
No.A2223-6/38
5. Specifications
5-1. Absolute Maximum Ratings
at VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
VDD
-0.3 to +4.0
V
Supply voltage
VDD2
-0.3 to +4.0
V
Input voltage
VIN
-0.3 to VDD+0.3
V
Operating temperature
Topr
-30 to +80
°C
Storage temperature
Tstg
-40 to +125
°C
5-2. Allowable Operating Ranges
at Ta = -30 to +80
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
VDD
VDD ≤ VDD2
+1.6
+2.5
+3.6
V
VDD2
VDD ≤ VDD2
+1.8
+2.5
+3.6
V
Supply voltage
VSS
0
V
Input High-level voltage
VIH
0.8
× VDD
VDD
V
Input Low-level voltage
VIL
VSS
0.2
× VDD
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com