Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79451KB Datasheet(PDF) 16 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 16 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 12Page - ON Semiconductor LC79451KB Datasheet HTML 13Page - ON Semiconductor LC79451KB Datasheet HTML 14Page - ON Semiconductor LC79451KB Datasheet HTML 15Page - ON Semiconductor LC79451KB Datasheet HTML 16Page - ON Semiconductor LC79451KB Datasheet HTML 17Page - ON Semiconductor LC79451KB Datasheet HTML 18Page - ON Semiconductor LC79451KB Datasheet HTML 19Page - ON Semiconductor LC79451KB Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LC79451KB
No.A2223-16/38
6-2-3. Waveform Parameter
<Parameter Definition>
(1) Output Level
e.g. (8002h) : Output level parameter setting of the normal drive waveform W0 – S(0)
*1) Address (8bits)
*2) Invalid data (6bits)
*3) Output level (2bits)
e.g. VNEG (-15V, White)
Note : When the output level inputs D1 to “1” and D0 to “1”, VPOS or VNEG is selected.
(2) Output Time
e.g. (C029h) : Output time parameter setting of the normal drive waveform W0 – S(0)
*4) Address (8bits)
*5) Invalid data (1bit)
*6) Clock period for output time (2bits)
e.g. 2ms
*7) Clock Count for output time (5bits)
e.g. 10counts
Clock period
Normal drive waveform
Refresh drive waveform
D6
D5
1ms
8ms
0
0
2ms
16ms
0
1
4ms
32ms
1
0
8ms
64ms
1
1
Output level
D1
D0
VSS (0V)
0
0
VPOS (+15V, Black)
0
1
VNEG (-15V, White)
1
0
(No inputs)
1
1
Pulse width
S(0)
VPOS
VSS
VNEG
Output time = 2ms × 10counts = 20ms
Output level = VNEG (-15V, White)
Normal drive waveform W0
*1
*2
*3
0
0
0
0
0
0
1
0
1
0
0
0
0
0
0
0
*7
*4
*5
*6
0
0
1
0
1
0
0
1
1
1
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com